Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3421 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 17Page - Texas Instruments LM3421 Datasheet HTML 18Page - Texas Instruments LM3421 Datasheet HTML 19Page - Texas Instruments LM3421 Datasheet HTML 20Page - Texas Instruments LM3421 Datasheet HTML 21Page - Texas Instruments LM3421 Datasheet HTML 22Page - Texas Instruments LM3421 Datasheet HTML 23Page - Texas Instruments LM3421 Datasheet HTML 24Page - Texas Instruments LM3421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
LM3421/23
RUV2
RUV1
VIN
nDIM
RUVH
QDIM
DDIM
Inverted
PWM
Standard
PWM
x
PA
23
=
HYS
V
¨¨
©
§
+
2
UV
R
¸¸
¹
·
1
UV
R
(
+
x
1
UV
R
)
2
UV
R
UVH
R
2
UV
R
A
23
x
P
HYS
V
=
1
¸
¸
¹
·
¨
¨
©
§
x
=
-
ON
TURN
24V
.
1
V
1
UV
R
+
2
UV
UV
R
R
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
(29)
The hysteresis (VHYS) is defined as follows:
UVLO only
(30)
PWM dimming and UVLO
(31)
When "zero current" shutdown and UVLO are implemented together, the EN pin can be used to escape UVLO.
The nDIM pin will pull-up to VIN when EN is pulled low, therefore if VIN is within the UVLO hysteretic window
when EN is pulled high again, the controller will start-up even though VTURN-ON is not exceeded.
PWM DIMMING
The active low nDIM pin can be driven with a PWM signal which controls the main NFET and the dimming FET
(dimFET). The brightness of the LEDs can be varied by modulating the duty cycle of this signal. LED brightness
is approximately proportional to the PWM signal duty cycle, (i.e. 30% duty cycle ~ 30% LED brightness). This
function can be ignored if PWM dimming is not required by using nDIM solely as a VIN UVLO input as described
in the INPUT UNDER-VOLTAGE LOCKOUT (UVLO) section or by tying it directly to VCC or VIN.
Figure 29. PWM Dimming Circuit
Figure 29 shows how the PWM signal is applied to nDIM:
1. Connect the dimming MosFET (QDIM) with the drain to the nDIM pin and the source to AGND. Apply an
external logic-level PWM signal to the gate of QDIM.
2. Connect the anode of a Schottky diode (DDIM) to the nDIM pin. Apply an inverted external logic-level PWM
signal to the cathode of the same diode.
The DDRV pin is a PWM output that follows the nDIM PWM input signal. When the nDIM pin rises, the DDRV pin
rises and the PWM latch reset signal is removed allowing the main MosFET Q1 to turn on at the beginning of the
next clock set pulse. In boost and buck-boost topologies, the DDRV pin is used to control a N-channel MosFET
placed in series with the LED load, while it would control a P-channel MosFET in parallel with the load for a buck
topology.
The series dimFET will open the LED load, when nDIM is low, effectively speeding up the rise and fall times of
the LED current. Without any dimFET, the rise and fall times are limited by the inductor slew rate and dimming
frequencies above 1 kHz are impractical. Using the series dimFET, dimming frequencies up to 30 kHz are
achievable. With a parallel dimFET (buck topology), even higher dimming frequencies are achievable.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com