Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 2Page - Texas Instruments LM3421 Datasheet HTML 3Page - Texas Instruments LM3421 Datasheet HTML 4Page - Texas Instruments LM3421 Datasheet HTML 5Page - Texas Instruments LM3421 Datasheet HTML 6Page - Texas Instruments LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Electrical Characteristics
(1) (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +150°C for LM3421Q0/LM3423Q0, TJ = −40°C to +125°C for all others). Specifications
that differ between the two operating ranges will be identified in the Temp Range column as Q0 for TJ = −40°C to +150°C
and as Q1 for TJ = −40°C to +125°C. If no temperature range is indicated then the specification holds for both Q1 and Q0.
Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise stated the following
condition applies: VIN = +14V.
Temp
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Range
ERROR AMPLIFIER
VREF
CSH Reference Voltage
With Respect to AGND
1.210
1.235
1.260
V
Error Amplifier Input Bias
-0.6
0
0.6
Current
µA
COMP Sink / Source Current
Q1
35
22
30
Q0
36
Transconductance
100
µA/V
Linear Input Range
(4)
±125
mV
Transconductance Bandwidth
-6dB Unloaded Response (4)
0.5
1.0
MHz
OFF TIMER
Minimum Off-time
RCT = 1V through
Q1
75
35
ns
1 k
Ω
Q0
90
RRCT
RCT Reset Pull-down
Q1
120
36
Ω
Resistance
Q0
125
VRCT
VIN/25 Reference Voltage
VIN = 14V
Q1
585
540
565
mV
Q0
590
f
Continuous Conduction
2.2 nF > CT > 470 pF
25/(CTRT)
Hz
Switching Frequency
PWM COMPARATOR
COMP to PWM Offset
700
800
900
mV
CURRENT LIMIT (IS)
ILIM
Current Limit Threshold
215
245
275
mV
ILIM Delay to Output
Q1
75
35
Q0
90
ns
Leading Edge Blanking Time
115
210
325
HIGH SIDE TRANSCONDUCTANCE AMPLIFIER
Input Bias Current
11.5
µA
Transconductance
20
119
mA/V
Input Offset Current
-1.5
0
1.5
µA
Input Offset Voltage
-7
0
7
mV
Transconductance Bandwidth
ICSH = 100 µA
250
500
kHz
(4)
GATE DRIVER (GATE)
RSRC(GATE)
GATE Sourcing Resistance
GATE = High
2.0
6.0
Ω
RSNK(GATE)
GATE Sinking Resistance
GATE = Low
1.3
4.5
DIM DRIVER (DIM, DDRV)
nDIMVTH
nDIM / UVLO Threshold
1.185
1.240
1.285
V
nDIMHYS
nDIM Hysteresis Current
Q1
25
20
23
µA
Q0
26
RSRC(DDRV)
DDRV Sourcing Resistance
DDRV = High
13.5
30.0
Ω
RSNK(DDRV)
DDRV Sinking Resistance
DDRV = Low
3.5
10.0
(4)
These electrical parameters are specified by design, and are not verified by test.
6
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com