Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3421 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 37Page - Texas Instruments LM3421 Datasheet HTML 38Page - Texas Instruments LM3421 Datasheet HTML 39Page - Texas Instruments LM3421 Datasheet HTML 40Page - Texas Instruments LM3421 Datasheet HTML 41Page - Texas Instruments LM3421 Datasheet HTML 42Page - Texas Instruments LM3421 Datasheet HTML 43Page - Texas Instruments LM3421 Datasheet HTML 44Page - Texas Instruments LM3421 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
A
1
I
I
LED
MAX
D
=
=
-
V
91
V
21
V
70
V
V
V
O
MAX
IN
MAX
RD
=
+
=
+
=
-
-
Q1 o 32A, 100V, DPAK
mW
82
m
50
A
28
.
1
R
I
P
2
DSON
2
RMS
T
T
=
:
x
=
x
= -
x
I
RMS
T
=
-
I
LED
D
c
=
x
A
28
.
1
=
0.467
A
1
533
.
0
D
=
A
2.1
A
1 =
x
677
.
0
1-
677
.
0
I
MAX
T-
V
91
V
21
V
70
V
V
V
O
MAX
IN
MAX
T
=
+
=
+
=
-
-
CIN = 4 x 4.7 PF
x
A
1
=
I
LED
I
RMS
IN-
=
1- 0.677
677
.
0
1.45A
x
1- DMAX
DMAX
=
C
IN
=
=
kHz
504
mV
100
x
467
.
0
A
1 x
F
27
.
9
P
=
f
'v
SW
PP
IN-
x
D
I
LED x
F
27
.
0
C
FS
P
=
F
0.33
C
CMP
P
=
:
10
R
FS =
1
=
F
28
.
0
1
P
=
=
C
FS
10: x
sec
rad
k
360
10:
3
P
Z
x
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
(125)
The chosen components from step 7 are:
(126)
8. INPUT CAPACITANCE
Solve for the minimum CIN:
(127)
To minimize power supply interaction a 200% larger capacitance of approximately 20 µF is used, therefore the
actual
ΔvIN-PP is much lower. Since high voltage ceramic capacitor selection is limited, four 4.7 µF X7R capacitors
are chosen.
Determine minimum allowable RMS current rating:
(128)
The chosen components from step 8 are:
(129)
9. NFET
Determine minimum Q1 voltage rating and current rating:
(130)
(131)
A 100V NFET is chosen with a current rating of 32A due to the low RDS-ON = 50 mΩ. Determine IT-RMS and PT:
(132)
(133)
The chosen component from step 9 is:
(134)
10. DIODE
Determine minimum D1 voltage rating and current rating:
(135)
(136)
A 100V diode is chosen with a current rating of 12A and VD = 600 mV. Determine PD:
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com