Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3421 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 47Page - Texas Instruments LM3421 Datasheet HTML 48Page - Texas Instruments LM3421 Datasheet HTML 49Page - Texas Instruments LM3421 Datasheet HTML 50Page - Texas Instruments LM3421 Datasheet HTML 51Page - Texas Instruments LM3421 Datasheet HTML 52Page - Texas Instruments LM3421 Datasheet HTML 53Page - Texas Instruments LM3421 Datasheet HTML 54Page - Texas Instruments LM3421 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
DESIGN #5 Bill of Materials
Qty
Part ID
Part Value
Manufacturer
Part Number
1
LM3421
Buck-boost controller
TI
LM3421MH
1
CB
100 pF COG/NPO 5% 50V
MURATA
GRM2165C1H101JA01D
1
CBYP
2.2 µF X7R 10% 16V
MURATA
GRM21BR71C225KA12L
1
CCMP
1 µF X7R 10% 25V
MURATA
GRM21BR71E105KA01L
1
CF
0.1 µF X7R 10% 25V
MURATA
GRM21BR71E104KA01L
0
CFS
DNP
4
CIN
4.7 µF X7R 10% 100V
TDK
C5750X7R2A475K
4
CO
10 µF X7R 10% 50V
TDK
C4532X7R1H106K
1
COV
47 pF COG/NPO 5% 50V
AVX
08055A470JAT2A
1
CT
1000 pF COG/NPO 5% 50V
MURATA
GRM2165C1H102JA01D
1
D1
Schottky 100V 12A
VISHAY
12CWQ10FNPBF
1
D2
Zener 10V 500mA
ON-SEMI
BZX84C10LT1G
1
L1
68 µH 20% 4.3A
COILCRAFT
MSS1278-683MLB
2
Q1, Q2
NMOS 100V 32A
FAIRCHILD
FDD3682
1
Q3
NMOS 60V 260mA
ON-SEMI
2N7002ET1G
2
Q4, Q8
PNP 40V 200mA
FAIRCHILD
MMBT5087
1
Q5
PNP 150V 600 mA
FAIRCHILD
MMBT5401
1
Q6
NPN 300V 600mA
FAIRCHILD
MMBTA42
2
Q7, Q9
NPN 40V 200mA
FAIRCHILD
MMBT6428
1
RCSH
12.4 k
Ω 1%
VISHAY
CRCW080512K4FKEA
1
RFS
0
Ω 1%
VISHAY
CRCW08050000Z0EA
1
RUV2
10.0 k
Ω 1%
VISHAY
CRCW080510K0FKEA
2
RHSP, RHSN
1.0 k
Ω 1%
VISHAY
CRCW08051K00FKEA
1
ROV1
15.8 k
Ω 1%
VISHAY
CRCW080515K8FKEA
1
ROV2
499 k
Ω 1%
VISHAY
CRCW0805499KFKEA
1
RPU
4.99 k
Ω 1%
VISHAY
CRCW08054K99FKEA
1
RSER
499
Ω 1%
VISHAY
CRCW0805499RFKEA
1
RSNS
0.2
Ω 1% 1W
VISHAY
WSL2512R2000FEA
1
RT
35.7 k
Ω 1%
VISHAY
CRCW080535K7FKEA
1
RUV1
1.43 k
Ω 1%
VISHAY
CRCW08051K43FKEA
1
RUVH
17.4 k
Ω 1%
VISHAY
CRCW080517K4FKEA
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com