Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3421 Datasheet HTML 7Page - Texas Instruments LM3421 Datasheet HTML 8Page - Texas Instruments LM3421 Datasheet HTML 9Page - Texas Instruments LM3421 Datasheet HTML 10Page - Texas Instruments LM3421 Datasheet HTML 11Page - Texas Instruments LM3421 Datasheet HTML 12Page - Texas Instruments LM3421 Datasheet HTML 13Page - Texas Instruments LM3421 Datasheet HTML 14Page - Texas Instruments LM3421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
D =
IN
O
V
V
+
O
V
D =
IN
O
V
V -
O
V
D =
O
V
IN
V
t
iL (t)
ÂiL-PP
IL-MAX
IL-MIN
IL
0
TS
tON = DTS
tOFF = (1-D)TS
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
function with external dimming FET driver allows for fast PWM dimming of the LED load. When designing, the
maximum attainable LED current is not internally limited because the LM3421/23 is a controller. Instead it is a
function of the system operating point, component choices, and switching frequency allowing the LM3421/23 to
easily provide constant currents up to 5A. This controller contains all the features necessary to implement a high
efficiency versatile LED driver.
Figure 15. Ideal CCM Regulator Inductor Current iL(t)
CURRENT REGULATORS
Current regulators can be designed to accomplish three basic functions: buck, boost, and buck-boost. All three
topologies in their most basic form contain a main switching MosFET, a recirculating diode, an inductor and
capacitors. The LM3421/23 is designed to drive a ground referenced NFET which is perfect for a standard boost
regulator. Buck and buck-boost regulators, on the other hand, usually have a high-side switch. When driving an
LED load, a ground referenced load is often not necessary, therefore a ground referenced switch can be used to
drive a floating load instead. The LM3421/23 can then be used to drive all three basic topologies as shown in the
Basic Topology Schematics section. Other topologies such as the SEPIC and flyback converter (both derivatives
of the buck-boost) can be implemented as well.
Looking at the buck-boost design, the basic operation of a current regulator can be analyzed. During the time
that the NFET (Q1) is turned on (tON), the input voltage source stores energy in the inductor (L1) while the output
capacitor (CO) provides energy to the LED load. When Q1 is turned off (tOFF), the re-circulating diode (D1)
becomes forward biased and L1 provides energy to both CO and the LED load. Figure 15 shows the inductor
current (iL(t)) waveform for a regulator operating in CCM.
The average output LED current (ILED) is proportional to the average inductor current (IL) , therefore if IL is tightly
controlled, ILED will be well regulated. As the system changes input voltage or output voltage, the ideal duty cycle
(D) is varied to regulate IL and ultimately ILED. For any current regulator, D is a function of the conversion ratio:
Buck
(1)
Boost
(2)
Buck-boost
(3)
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com