Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADCS7477 Datasheet HTML 15Page - Texas Instruments ADCS7477 Datasheet HTML 16Page - Texas Instruments ADCS7477 Datasheet HTML 17Page - Texas Instruments ADCS7477 Datasheet HTML 18Page - Texas Instruments ADCS7477 Datasheet HTML 19Page - Texas Instruments ADCS7477 Datasheet HTML 20Page - Texas Instruments ADCS7477 Datasheet HTML 21Page - Texas Instruments ADCS7477 Datasheet HTML 22Page - Texas Instruments ADCS7477 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192F – APRIL 2003 – REVISED MARCH 2013
Note that, even though the digital inputs are tolerant of up to +6.5V above GND, the digital outputs are only
capable of driving VDD out. In addition, the digital input pins are not prone to latch-up; SCLK and CS may be
asserted before VDD without any risk.
MODES OF OPERATION
The ADCS7476/77/78 has two possible modes of operation: NORMAL MODE, and SHUTDOWN MODE. The
ADCS7476/77/78 enters normal mode (and a conversion process is begun) when CS is pulled low. The device
will enter shutdown mode if CS is pulled high before the tenth falling edge of SCLK after CS is pulled low, or will
stay in normal mode if CS remains low. Once in shutdown mode, the device will stay there until CS is brought
low again. By varying the ratio of time spent in the normal and shutdown modes, a system may trade-off
throughput for power consumption.
NORMAL MODE
The best possible throughput is obtained by leaving the ADCS7476/77/78 in normal mode at all times, so there
are no power-up delays. To keep the device in normal mode continuously, CS must be kept low until after the
10th falling edge of SCLK after the start of a conversion (remember that a conversion is initiated by bringing CS
low).
If CS is brought high after the 10th falling edge, but before the 16th falling edge, the device will remain in normal
mode, but the current conversion will be aborted, and SDATA will return to TRI-STATE (truncating the output
word).
Sixteen SCLK cycles are required to read all of a conversion word from the device. After sixteen SCLK cycles
have elapsed, CS may be idled either high or low until the next conversion. If CS is idled low, it must be brought
high again before the start of the next conversion, which begins when CS is again brought low.
After sixteen SCLK cycles, SDATA returns to TRI-STATE. Another conversion may be started, after tQUIET has
elapsed, by bringing CS low again.
SHUTDOWN MODE
Shutdown mode is appropriate for applications that either do not sample continuously, or are willing to trade
throughput for power consumption. When the ADCS7476/77/78 is in shutdown mode, all of the analog circuitry is
turned off.
To enter shutdown mode, a conversion must be interrupted by bringing CS back high anytime between the
second and tenth falling edges of SCLK, as shown in Figure 32. Once CS has been brought high in this manner,
the device will enter shutdown mode; the current conversion will be aborted and SDATA will enter TRI-STATE. If
CS is brought high before the second falling edge of SCLK, the device will not change mode; this is to avoid
accidentally changing mode as a result of noise on the CS line.
Figure 32. Entering Shutdown Mode
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com