Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 3 Page - Texas Instruments

  ADCS7477 Datasheet HTML 1Page - Texas Instruments ADCS7477 Datasheet HTML 2Page - Texas Instruments ADCS7477 Datasheet HTML 3Page - Texas Instruments ADCS7477 Datasheet HTML 4Page - Texas Instruments ADCS7477 Datasheet HTML 5Page - Texas Instruments ADCS7477 Datasheet HTML 6Page - Texas Instruments ADCS7477 Datasheet HTML 7Page - Texas Instruments ADCS7477 Datasheet HTML 8Page - Texas Instruments ADCS7477 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192F – APRIL 2003 – REVISED MARCH 2013
Operating Ratings
Operating Temperature Range
TMIN = −40°C ≤ TA ≤ TMAX = +125°C
VDD Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range (1)
+2.7V to +5.25V
(1)
Independent of supply voltage.
Package Thermal Resistance
Package
θJA
6-Lead SOT-23
265°C / W
6-Lead WSON
78°C / W
ADCS7476/ADCS7477/ADCS7478 Specifications
(1)
ADCS7476 Converter Electrical Characteristics
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted.
Boldface limits apply for TA = −40°C to +85°C: all other limits TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
STATIC CONVERTER CHARACTERISTICS
VDD = 2.7V to 3.6V,
Resolution with No Missing Codes
12
Bits
−40°C ≤ TA ≤ 125°C
VDD = 2.7V to 3.6V,
±0.4
±1
LSB (max)
−40°C ≤ TA ≤ 85°C
INL
Integral Non-Linearity
VDD = 2.7V to 3.6V,
+1
LSB (max)
TA = 125°C
-1.1
LSB (min)
VDD = 2.7V to 3.6V,
+0.5
+1
LSB (max)
−40°C ≤ TA ≤ 85°C
-0.3
-0.9
LSB (min)
DNL
Differential Non-Linearity
VDD = 2.7V to 3.6V,
±1
LSB (max)
TA = 125°C
VDD = 2.7V to 3.6V,
VOFF
Offset Error
±0.1
±1.2
LSB (max)
−40°C ≤ TA ≤ 125°C
VDD = 2.7V to 3.6V,
GE
Gain Error
±0.2
±1.2
LSB (max)
−40°C ≤ TA ≤ 125°C
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 100 kHz, −40°C ≤ TA ≤ 125°C
72
70
dB (min)
fIN = 100 kHz, −40°C ≤ TA ≤ 85°C
72.5
70.8
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 100 kHz, TA = 125°C
70.6
dB (min)
THD
Total Harmonic Distortion
fIN = 100 kHz
-80
dB
SFDR
Spurious-Free Dynamic Range
fIN = 100 kHz
82
dB
Intermodulation Distortion, Second Order
fa = 103.5 kHz, fb = 113.5 kHz
-78
dB
Terms
IMD
Intermodulation Distortion, Third Order
fa = 103.5 kHz, fb = 113.5 kHz
-78
dB
Terms
+5V Supply
11
MHz
FPBW
-3 dB Full Power Bandwidth
+3V Supply
8
MHz
POWER SUPPLY CHARACTERISTICS
2.7
V (min)
VDD
Supply Voltage
−40°C ≤ TA ≤ 125°C
5.25
V (max)
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com