Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 2 Page - Texas Instruments

  ADCS7477 Datasheet HTML 1Page - Texas Instruments ADCS7477 Datasheet HTML 2Page - Texas Instruments ADCS7477 Datasheet HTML 3Page - Texas Instruments ADCS7477 Datasheet HTML 4Page - Texas Instruments ADCS7477 Datasheet HTML 5Page - Texas Instruments ADCS7477 Datasheet HTML 6Page - Texas Instruments ADCS7477 Datasheet HTML 7Page - Texas Instruments ADCS7477 Datasheet HTML 8Page - Texas Instruments ADCS7477 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin No.
Symbol
Description
ANALOG I/O
3
VIN
Analog input. This signal can range from 0V to VDD.
DIGITAL I/O
Digital clock input. The range of frequencies for this input is 10 kHz to 20 MHz, with ensured
4
SCLK
performance at 20 MHz. This clock directly controls the conversion and readout processes.
5
SDATA
Digital data output. The output words are clocked out of this pin by the SCLK pin.
6
CS
Chip select. A conversion process begins on the falling edge of CS.
POWER SUPPLY
Positive supply pin. These pins should be connected to a quiet +2.7V to +5.25V source and bypassed
1
VDD
to GND with 0.1 µF and 1 µF monolithic capacitors located within 1 cm of the power pin. The
ADCS7476/77/78 uses this power supply as a reference, so it should be thoroughly bypassed.
2
GND
The ground return for the supply.
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage VDD
−0.3V to +6.5V
Voltage on Any Analog Pin to GND
−0.3V to VDD +0.3V
Voltage on Any Digital Pin to GND
-0.3V to 6.5V
Input Current at Any Pin (3)
±10 mA
ESD Susceptibility
Human Body Model
3500V
Machine Model
200V
Soldering Temperature, Infrared,
10 seconds
215°C
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be
impaired. Functional operability under any of these conditions is not implied. Exposure to maximum ratings for extended periods may
affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Except power supply pins.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com