Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADCS7477 Datasheet HTML 16Page - Texas Instruments ADCS7477 Datasheet HTML 17Page - Texas Instruments ADCS7477 Datasheet HTML 18Page - Texas Instruments ADCS7477 Datasheet HTML 19Page - Texas Instruments ADCS7477 Datasheet HTML 20Page - Texas Instruments ADCS7477 Datasheet HTML 21Page - Texas Instruments ADCS7477 Datasheet HTML 22Page - Texas Instruments ADCS7477 Datasheet HTML 23Page - Texas Instruments ADCS7477 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
Figure 33. Entering Normal Mode
EXITING SHUTDOWN MODE
To exit shutdown mode, bring CS back low. Upon bringing CS low, the ADCS7476/77/78 will begin powering up.
Power up typically takes 1 µs. This microsecond of power-up delay results in the first conversion result being
unusable. The second conversion performed after power-up, however, is valid, as shown in Figure 33.
If CS is brought back high before the 10th falling edge of SCLK, the device will return to shutdown mode. This is
done to avoid accidentally entering normal mode as a result of noise on the CS line. To exit shutdown mode and
remain in normal mode, CS must be kept low until after the 10th falling edge of SCLK. The ADCS7476/77/78 will
be fully powered-up after 16 SCLK cycles.
POWER-UP TIMING
The ADCS7476/77/78 typically requires 1 µs to power up, either after first applying VDD, or after returning to
normal mode from shutdown mode. This corresponds to one "dummy" conversion for any SCLK frequency within
the specifications in this document. After this first dummy conversion, the ADCS7476/77/78 will perform
conversions properly. Note that the tQUIET time must still be included between the first dummy conversion and the
second valid conversion.
STARTUP MODE
When the VDD supply is first applied, the ADCS7476/77/78 may power up in either of the two modes: normal or
shutdown. As such, one dummy conversion should be performed after start-up, exactly as described in POWER-
UP TIMING. The part may then be placed into either normal mode or the shutdown mode, as described in
NORMAL MODE and SHUTDOWN MODE.
POWER CONSIDERATIONS
There are three concerns relating to the power supply of these products: the effects of Power Supply Noise upon
the conversion process, the Digital Output Effect Upon Noise upon the conversion process and Power
Management of the product.
Power Supply Noise
Since the reference voltage of the ADCS7476/77/78 is the reference voltage, any noise greater than 1/2 LSB in
amplitude will have some effect upon the converter noise performance. This effect is proportional to the input
voltage level. The power supply should receive all the considerations of a reference voltage as far as stability
and noise is concerned. Using the same supply voltage for these devices as is used for digital components will
lead to degraded noise performance.
Digital Output Effect Upon Noise
The charging of any output load capacitance requires current from the digital supply, VDD. The current pulses
required from the supply to charge the output capacitance will cause voltage variations at the ADC supply line. If
these variations are large enough, they could degrade SNR and SINAD performance of the ADC. Similarly,
discharging the output capacitance when the digital output goes from a logic high to a logic low will dump current
into the die substrate, causing "ground bounce" noise in the substrate that will degrade noise performance if that
current is large enough. The larger the output capacitance, the more current flows through the device power
supply line and die substrate and the greater is the noise coupled into the analog path.
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com