Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADCS7477 Datasheet HTML 4Page - Texas Instruments ADCS7477 Datasheet HTML 5Page - Texas Instruments ADCS7477 Datasheet HTML 6Page - Texas Instruments ADCS7477 Datasheet HTML 7Page - Texas Instruments ADCS7477 Datasheet HTML 8Page - Texas Instruments ADCS7477 Datasheet HTML 9Page - Texas Instruments ADCS7477 Datasheet HTML 10Page - Texas Instruments ADCS7477 Datasheet HTML 11Page - Texas Instruments ADCS7477 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
ADCS7476/ADCS7477/ADCS7478 Specifications
(1)
ADCS7478 Converter Electrical Characteristics (continued)
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted.
Boldface limits apply for TA = −40°C to +85°C: all other limits TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
ISOURCE = 200 µA,
VOH
Output High Voltage
VDD −0.2
V (min)
VDD = +2.7V to +5.25V
VOL
Output Low Voltage
ISINK = 200 µA
0.4
V (max)
IOL
TRI-STATE Leakage Current
±10
µA (max)
COUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock Frequency
20
MHz (max)
40
% (min)
DC
SCLK Duty Cycle
60
% (max)
tTH
Track/Hold Acquisition Time
400
ns (max)
fRATE
Throughput Rate
See Applications Information
1
MSPS (min)
tAD
Aperture Delay
3
ns
tAJ
Aperture Jitter
30
ps
Figure 2. Timing Test Circuit
Timing Test Circuit ADCS7476/ADCS7477/ADCS7478 Timing Specifications
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, Boldface limits apply for TA = −40°C to +85°C:
all other limits TA = 25°C, unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Typical
Limits
Units
tCONVERT
16 x tSCLK
tQUIET
(2)
50
ns (min)
t1
Minimum CS Pulse Width
10
ns (min)
t2
CS to SCLK Setup Time
10
ns (min)
Delay from CS Until SDATA TRI-STATE
t3
20
ns (max)
Disabled (3)
VDD = +2.7 to +3.6
40
ns (max)
Data Access Time after SCLK Falling
t4
Edge(4)
VDD = +4.75 to +5.25
20
ns (max)
0.4 x
t5
SCLK Low Pulse Width
ns (min)
tSCLK
0.4 x
t6
SCLK High Pulse Width
ns (min)
tSCLK
VDD = +2.7 to +3.6
7
ns (min)
t7
SCLK to Data Valid Hold Time
VDD = +4.75 to +5.25
5
ns (min)
(1)
All input signals are specified as tr = tf = 5 ns (10% to 90% VDD) and timed from 1.6V.
(2)
Minimum Quiet Time Required Between Bus Relinquish and Start of Next Conversion
(3)
Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V.
(4)
Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V or 2.0V.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com