Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3709 Datasheet(PDF) 26 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 26 Page - ams AG

Back Button AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
AS3709 – 26
ams Datasheet, Confidential: 2013-Aug [1-02]
Det a il e d De sc r i pt ion - S y s t em F u nc t i on s
Reset
XRES is a low active bi-directional pin. An external pull-up to
the periphery supply has to be added. During each reset cycle
the following states are controlled by the AS3709:
• Pin XRES is forced to GND
• Normal startup with programmable power-on sequence
and regulator voltages
• Reset is active until the programmable reset timer (set by
register bits res_timer<2:0>) expires
• All registers are set to their default values after power-on,
except the reset control- and status-registers
RESET Reasons
Reset can be activated from 7 different sources:
•VPOR has been reached (VSUP reached POR level)
• ResVoltFall was reached (VSUP drops below ResVoltFall)
• Software forced reset
• Power off mode
• External triggered through the pin XRES
• Over-temperature
•ON-key long press
Voltage Detection
There are two types of voltage dependent resets: VPOR and
VXRES. VPOR monitors the voltage on V2_5 and VXRES monitors
the voltage on VSUP. The linear regulator for V2_5 is always on
and uses the voltage VSUP as its source. The pin XRES is only
released if V2_5 is above VPOR and VSUP is above ResVoltRise.
Power OFF
To put the chip into ultralow power mode, write ‘1’ into
power_off.
The chip stays in power off mode until
• The external pin ON is pulled high
•The VPOR level is touched to start a complete reset cycle
The bit power_off is automatically cleared by this reset cycle.
During power_off state all circuits are shut-off except the Low
Power LDO (V2_5). Thus the current consumption of AS3709 is
reduced to less than 7μA. The digital part is supplied by V2_5,
all other circuits are turned off in this mode, including
references and oscillator. Except the reset control registers, all
other registers are set to their default value after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com