Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3709 Datasheet(PDF) 40 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 40 Page - ams AG

Back Button AS3709 Datasheet HTML 36Page - ams AG AS3709 Datasheet HTML 37Page - ams AG AS3709 Datasheet HTML 38Page - ams AG AS3709 Datasheet HTML 39Page - ams AG AS3709 Datasheet HTML 40Page - ams AG AS3709 Datasheet HTML 41Page - ams AG AS3709 Datasheet HTML 42Page - ams AG AS3709 Datasheet HTML 43Page - ams AG AS3709 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
AS3709 – 40
ams Datasheet, Confidential: 2013-Aug [1-02]
R e gister D e scr i p t ion
26h
GPIOctrl_ldo
-
-
gpio_ctrl_ldo2<5:4>
gpio_ctrl_ldo1<3:2>
gpio_ctrl_sd5<1:0>
29h
SD_control3
sd5_slave
sd4_slave
sd2_slave
sd5_fsel
sd5_fast
sd5_low_nois
e
-
30h
SD_control1
sd4_low_nois
e
sd3_low_nois
e
sd2_low_no
ise
sd1_low_noi
se
sd4_fast
sd3_fast
sd2_fast
sd1_fast
31h
SD_control2
sd_dvm_select<7:6>
dvm_time<5:4>
sd4_fsel
sd3_fsel
sd2_fsel
sd1_fsel
32h
Supply_voltage_
monitor
FastResEn
SupResEn
ResVoltFall<5:3>
ResVoltRise<2:0>
33h
Startup_control
-
reslevel_5v
power_off_
at_vsuplow
34h
ResetTimer
-
stby_reset_dis
able
auto_off
off_delay<4:3>
res_timer<2:0>
35h
ReferenceContro
l
on_reset_del
ay
-
clk_div2
standby_mo
de_on
clk_int<3:1>
low_power_
on
36h
ResetControl
onkey_reset
reset_reason<6:3>
on_input
power_off
force_reset
37h
Overtemperatur
eControl
tco_140_a
tco_110_a
temp_test<5:4>
rst_ov_temp_
140
ov_temp_140
ov_temp_1
10
temp_pmc_
on
39h
Reg_standby_m
od1
disable_regp
d
ldo2_stby_on
ldo1_stby_
on
sd5_stby_on
sd4_stby_on
sd3_stby_on
sd2_stby_o
n
sd1_stby_on
73h
RegStatus
-
sd5_lv
sd4_lv
sd3_lv
sd2_lv
sd1_lv
74h
InterruptMask1
LowVsup_int_
m
ovtmp_int_m
onkey_int_
m
sd5_lv_int_
m
sd4_lv_int_m
sd3_lv_int_m
sd2_lv_int_
m
sd1_lv_int_
m
75h
InterruptMask2
-
gpio_restar
t_int_m
gpio_int_m
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com