Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3709 Datasheet(PDF) 57 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 57 Page - ams AG

Back Button AS3709 Datasheet HTML 53Page - ams AG AS3709 Datasheet HTML 54Page - ams AG AS3709 Datasheet HTML 55Page - ams AG AS3709 Datasheet HTML 56Page - ams AG AS3709 Datasheet HTML 57Page - ams AG AS3709 Datasheet HTML 58Page - ams AG AS3709 Datasheet HTML 59Page - ams AG AS3709 Datasheet HTML 60Page - ams AG AS3709 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 57
Reg i st er Description
Figure 76:
ReferenceControl Register (Address 35h)
Addr: 35h
ReferenceControl
Bit
Bit Name
Default
Access
Bit Description
7on_reset_delay
0
RW
Sets the on reset delay time
  0 : 8 sec (if onkey_reset=1)
  1 : 4 sec (if onkey_reset=1)
6-
0
RW
-
5
clk_div2
0
RW
Divide internal clock oscillator by 2 to reduce
quiescent current for low power operation
  0 : Normal mode
  1 : Internal clock frequency divided by two. All
timings are increased by two. Switching frequency of
all DCDC converters are divided by two. Reduced
transient performance of DCDC converters.
4
standby_mode
_on
0RW
Setting to 1 sets the PMU into standby mode. All
regulators are disabled except those regulators
enabled by register Reg standby mode. XRES will be
pulled to low. A normal startup of all regulators will be
done with any interrupt (has to be enabled before
entering standby mode). During this startup,
regulators defined by Reg standby mode register are
continuously on.
3:1
clk_int
'b000
RW
Sets the internal CLK frequency fCLK used for fuel
gauge, DCDCs, PWM, ...
  0 : 4 MHz (default)
  1 : 3.8 MHz
  2 : 3.6 MHz
  3 : 3.4 MHz
  4 : 3.2 MHz
  5 : 3.0 MHz
  6 : 2.8 MHz
  7 : 2.6 MHz
All frequencies, timings and delays in this datasheet
are based on 4MHz clk_int
0
low_power_on
0
RW
Enable low power mode of internal reference.
  0 : Standard mode
  1 : Low power mode - all specification except noise
parameters are still valid. Iq reduced by approx. 30μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com