| Electronic Components Datasheet Search |
|
AS3709 Datasheet(PDF) 33 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3709 Datasheet(HTML) 33 Page - ams AG |
|
33 / 74 page ![]() ams Datasheet, Confidential: 2013-Aug [1-02] AS3709 – 33 Detaile d Desc rip t ion - S y st em Fu nc tions PWRGOOD Output This signal will go high at the end of the start-up sequence. This can be used as a second reset signal to the processor to e.g. start oscillators. The gpioX_mode should be set to output. Supervisor All Step-Down DCDCs have an integrated over-current protection. An over-temperature protection of the chip is also integrated which can be switched on with the serial interface signal temp_pmc_on (enabled by default; it is not recommended to disable the over-temperature protection). Temperature Supervision The chip has two signals for the serial interface: ov_temp_110 and ov_temp_140. The flag ov_temp_110 is automatically reset if the overtemperature condition is removed, whereas ov_temp_140 has to be reset by the serial interface with the signal rst_ov_temp_140. If the flag ov_temp_140 is set, an automatic reset of the complete chip is initiated. The chip will only start-up when the temperature falls below the T110 level (including hysteresis). The flag ov_temp_140 is not affected by this reset cycle allowing the software to detect the reason for this unexpected shutdown. Figure 44: Over-Temperature Protection Symbol Parameter Min Typ Max Unit T110 ov_temp_110 rising threshold 95 110 125 °C T140 ov_temp_140 rising threshold 125 140 155 °C THYST ov_temp_110 and ov_temp_140 hysteresis 5 °C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |