Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3709 Datasheet(PDF) 54 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 54 Page - ams AG

Back Button AS3709 Datasheet HTML 50Page - ams AG AS3709 Datasheet HTML 51Page - ams AG AS3709 Datasheet HTML 52Page - ams AG AS3709 Datasheet HTML 53Page - ams AG AS3709 Datasheet HTML 54Page - ams AG AS3709 Datasheet HTML 55Page - ams AG AS3709 Datasheet HTML 56Page - ams AG AS3709 Datasheet HTML 57Page - ams AG AS3709 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
AS3709 – 54
ams Datasheet, Confidential: 2013-Aug [1-02]
Re g i st e r De sc rip t ion
Figure 73:
Supply_voltage_monitor Register (Address 32h)
Addr: 32h
Supply_voltage_monitor
Bit
Bit Name
Default
Access
Bit Description
7FastResEn
0
RW
  0 : ResVoltFall debounce time = 3msec
  1 : ResVoltFall debounce time = 4μsec (tbd)
6SupResEn
0
RW
  0 : A reset is generated if VSUP falls below 2.7V **
  1 : A reset is generated if VSUP falls below ResVoltFall
** If VSUP falls below ResVoltFall only an interrupt is
generated (if enabled) and the μProcessor can shut
down the system
5:3
ResVoltFall
'b000
RW
This value determines the reset level ResVoltFall for
falling VSUP. It is recommended to set this value at least
200mV lower than ResVoltRise (the levels differ
between 3.3V and 5V supply)
  0 : 2.7V / 3.6V
  1 : 2.8V / 3.7V
  2 : 2.9V / 3.8V
  3 : 3.0V / 3.9V
  4 : 3.1V / 4.0V
  5 : 3.2V / 4.1V
  6 : 3.3V / 4.2V
  7 : 3.4V / 4.4V
2:0
ResVoltRise
'b000
RO (OTP)
This value determines the reset level ResVoltRise for
rising VSUP. It is recommended to set this value at least
200mV higher than ResVoltFall (the levels differ
between 3.3V and 5V supply)
  0 : 2.7V / 3.6V
  1 : 2.8V / 3.7V
  2 : 2.9V / 3.8V
  3 : 3.0V / 3.9V
  4 : 3.1V / 4.0V
  5 : 3.2V / 4.1V
  6 : 3.3V / 4.2V
  7 : 3.4V / 4.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com