Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0100 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD0100
Description  High Voltage Protection T/R Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0100 Datasheet(HTML) 1 Page - Supertex, Inc

  MD0100 Datasheet HTML 1Page - Supertex, Inc MD0100 Datasheet HTML 2Page - Supertex, Inc MD0100 Datasheet HTML 3Page - Supertex, Inc MD0100 Datasheet HTML 4Page - Supertex, Inc MD0100 Datasheet HTML 5Page - Supertex, Inc MD0100 Datasheet HTML 6Page - Supertex, Inc MD0100 Datasheet HTML 7Page - Supertex, Inc MD0100 Datasheet HTML 8Page - Supertex, Inc MD0100 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Supertex inc.
MD0100
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0100
C070113
Features
► Up to ±100V input voltage protection
► Low on resistance - 15Ω typical
► Fast switching speed
► Effectively, a simple two terminal device
► No external supplies needed
Applications
► Medical ultrasound imaging
► NDT applications
► Fast resettable fuses
► High side switches
► Data acquisition
General Description
The Supertex MD0100 is a high voltage, two terminal, bi-
directional, current-limiting protection device. The two terminals
are interchangeable. It is designed to protect a low noise receiver
from the high voltage transmit pulses in ultrasound applications
and is commonly referred to as a T/R (transmit and receive)
switch.
The MD0100 can be considered as a normally closed switch with
a typical switching resistance of 15Ω that allows small signals to
pass. Once the voltage drop across the two terminals exceeds
a nominal value of ±2.0V, the device will start to turn off. In the
off state, the MD0100 can withstand up to ±100V across its
terminals. A small amount of current, typical of 200µA, is allowed
to flow through.
The applications for the MD0100 are not limited to just ultrasound.
It can also be used for resettable fuses to protect power lines,
output short circuit protection, and data acquisition. The MD0100
is available in the SOT-89 package as a single channel device for
ease of assembly. It is also available in a 4.0x4.0mm 8-Lead DFN
package as a two channel device for high density requirements.
Typical Application Circuit
High Voltage Protection
T/R Switch
Transmitter
Piezo
Transducers
B
A
Receiver
T
X
R
X
High Voltage
Switches
+90V
-90V
T/R Switch
MD0100
Logic
Control
and
Signal
Processing


Similar Part No. - MD0100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD0101 SUTEX-MD0101 Datasheet
1Mb / 7P
High Voltage Protection T/R Switch with Clamp Diodes
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0105K6-GM932 SUTEX-MD0105K6-GM932 Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
More results

Similar Description - MD0100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
Combination T/R - Switch / LNA
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
SPDT T/R Switch 5.0 - 6.0 GHz
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
logo
Supertex, Inc
MD0101 SUTEX-MD0101 Datasheet
1Mb / 7P
High Voltage Protection T/R Switch with Clamp Diodes
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com