Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0100 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD0100
Description  High Voltage Protection T/R Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0100 Datasheet(HTML) 2 Page - Supertex, Inc

  MD0100 Datasheet HTML 1Page - Supertex, Inc MD0100 Datasheet HTML 2Page - Supertex, Inc MD0100 Datasheet HTML 3Page - Supertex, Inc MD0100 Datasheet HTML 4Page - Supertex, Inc MD0100 Datasheet HTML 5Page - Supertex, Inc MD0100 Datasheet HTML 6Page - Supertex, Inc MD0100 Datasheet HTML 7Page - Supertex, Inc MD0100 Datasheet HTML 8Page - Supertex, Inc MD0100 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
MD0100
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0100
C070113
Absolute Maximum Ratings1
Pin Configuration
Product Marking
8-Lead DFN
(top view)
(Pads are at bottom of device)
COM1
COM2
8
7
6
5
1
2
3
4
COM1
COM1
COM2
COM2
A1
B1
A2
B2
A
COM
B
COM
M10YW
Y = Last Digit of Year Sealed
W = Code for Week Sealed
= “Green” Packaging
SOT-89
SOT-89
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
0100
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
LL = Lot Number
= “Green” Packaging
8-Lead DFN
Parameter
Value
V
A-B, differential voltage drop
0 to ±110V
Maximum junction temperature
+125°C
Storage temperature range
-65°C to 150°C
Power dissipation, 8-Lead DFN2
1.1W
Power dissipation, SOT-892
1.6W
Notes:
1. Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
2. Mounted on FR4 board, 25mm x 25mm x 1.57mm
Ordering Information
Part Number
Package Options
Packing
MD0100DK6-G
(Dual Channel)
8-Lead (4x4) DFN
3000/Reel
MD0100N8-G
(Single Channel)
3-Lead TO-243AA (SOT-89)
2000/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead DFN
44OC/W
3-Lead TO-243AA (SOT-89)
133OC/W
-G denotes a lead (Pb)-free / RoHS compliant package
Electrical Characteristics (T
J = 25ºC, unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
A-B
Max. differential input voltage from A to B
±100
-
-
V
I
A-B = ±500µA
R
SW
Switch ON resistance from A to B
-
15
-
Ω
I
A-B = ±5.0mA
V
TRIP
V
A-B trip point to turn off
-
±1.0
±2.0
V
---
V
OFF
Switch turn off voltage
-
±2.0
-
V
I
A-B = ±1.0mA
I
A-B(OFF)
Switch off current
-
±200
±300
µA
V
A-B = ±100V
I
PEAK
Peak switching current
-
±60
-
mA
See Fig. 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com