Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0100 Datasheet(PDF) 5 Page - Supertex, Inc

Part # MD0100
Description  High Voltage Protection T/R Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0100 Datasheet(HTML) 5 Page - Supertex, Inc

  MD0100 Datasheet HTML 1Page - Supertex, Inc MD0100 Datasheet HTML 2Page - Supertex, Inc MD0100 Datasheet HTML 3Page - Supertex, Inc MD0100 Datasheet HTML 4Page - Supertex, Inc MD0100 Datasheet HTML 5Page - Supertex, Inc MD0100 Datasheet HTML 6Page - Supertex, Inc MD0100 Datasheet HTML 7Page - Supertex, Inc MD0100 Datasheet HTML 8Page - Supertex, Inc MD0100 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
MD0100
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0100
C070113
V
A
V
B
+10V
+2V
10%
2V
10%
Figure 4 shows the actual waveform and measurement of the
T
OFF. TOFF is measured from 2V of the VA to 10% of the VB.
From the above waveform, the T
OFF is 11ns.
Tx
Transmitter
MD0100
2V
+10V
0V
15
V
B
V
A
500ns
Figure 5: Test Set Up for T
ON
Figure 3: T
OFF Timing Diagram
Figure 4: T
OFF at VA = 10V
V
A
V
B
+10V
0V
2V
0V
+2V
1V
Figure 6: T
ON Timing Diagram
1V
2V
Figure 7: T
ON at VA = 10V
Figure 7 shows the actual waveform and measurement of
the T
ON. The TON is measured from 2V of the VA to 1V of the
V
B. From the above waveform, the TON is 6.6ns.
A
B
MD0100
I
PEAK
V
0 - 5V
t
r = 10ms
Figure 8: Test Set Up for I
PEAK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com