Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0100 Datasheet(PDF) 4 Page - Supertex, Inc

Part # MD0100
Description  High Voltage Protection T/R Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0100 Datasheet(HTML) 4 Page - Supertex, Inc

  MD0100 Datasheet HTML 1Page - Supertex, Inc MD0100 Datasheet HTML 2Page - Supertex, Inc MD0100 Datasheet HTML 3Page - Supertex, Inc MD0100 Datasheet HTML 4Page - Supertex, Inc MD0100 Datasheet HTML 5Page - Supertex, Inc MD0100 Datasheet HTML 6Page - Supertex, Inc MD0100 Datasheet HTML 7Page - Supertex, Inc MD0100 Datasheet HTML 8Page - Supertex, Inc MD0100 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
MD0100
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0100
C070113
Functional Description
The Supertex MD0100 can be considered as a normally
closed switch controlled by a switch control. (Refer to the
block diagram.) The switch control monitors the voltage
drop across terminals A and B. If the voltage difference is
greater than ±2.0V, the T/R switch will start to open. Once
in the open state, there is a small amount of current flowing
through the T/R switch, 200uA, to detect if the high voltage
is still present or not. The T/R switch will not close until the
voltage across terminal A and B drops within ±2.0V. A pair of
back-to-back diodes from the receive side of the switch to
ground are needed to complete the circuit and to allow the
initial peak current (about 60mA) to flow through the switch
so it can drop ±2.0V. If the diodes are not present, then there
is no current path and the voltage drop across terminal A
and B will be less than ±2.0V, so the switch will remain in the
closed position.
The other purpose of the diode is to clamp voltage spikes
to ±0.7V during transmit cycle. A low voltage diode, for ex-
ample 1.0V diode, is sufficient since it will only see ±0.7V. A
BAV99T dual diode from Diodes, Inc. was used in our test
circuit.
On Resistance
When the voltage across terminals A and B is within ±2.0V,
the switch is in the receive mode, and the R
ON is typically
15Ω. Once the voltage across terminals A and B is greater
than ±2.0V, the switch is in the transmit mode and blocks the
high voltage pulses from passing through to the receiver and
damaging it.
The MD0100 does not require any power supply. There are
only two active pins; one connects to the transmitter side
and the other one connects to the receiver side.
Switch Capacitance
The typical switch ON capacitance (C
SW(ON)) is 21pF. This is
measured from A to B or B to A when the switch is ON.
The switch OFF capacitance is a function of the voltage
across the T/R switch. The C
SW(OFF) is about 12 to 19 pF for
10V to 100V of the transmit voltage. Please see Figure 1 for
the C-V curve of the C
SW(OFF).
Figure 1: C
SW(OFF) vs VSW
T
ON and TOFF Time
The T
ON and TOFF of the MD0100 are less than 20ns, which
provide a fast switch between the transmit mode and the
receive mode. The T
ON and TOFF are input rise/fall time depen-
dent. The MD0100 turns ON and OFF faster when the rise
and fall times of the transmit pulse are faster. On the other
hand, the switch turns ON and OFF slower if the rise and fall
times of the transmit pulse are slower. The T
OFF and TON set
up are shown in Figure 2 and Figure 5 respectively.
Figure 2: Test set up for T
OFF
10
11
12
13
14
15
16
17
18
19
20
0
10
20
30
40
50
60
70
80
90
V
SW (V)
Tx
+10V
0V
10
Transmitter
MD0100
V
B
V
A
500ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com