Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD0100 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD0100
Description  High Voltage Protection T/R Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD0100 Datasheet(HTML) 3 Page - Supertex, Inc

  MD0100 Datasheet HTML 1Page - Supertex, Inc MD0100 Datasheet HTML 2Page - Supertex, Inc MD0100 Datasheet HTML 3Page - Supertex, Inc MD0100 Datasheet HTML 4Page - Supertex, Inc MD0100 Datasheet HTML 5Page - Supertex, Inc MD0100 Datasheet HTML 6Page - Supertex, Inc MD0100 Datasheet HTML 7Page - Supertex, Inc MD0100 Datasheet HTML 8Page - Supertex, Inc MD0100 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
MD0100
Supertex inc.
www.supertex.com
Doc.# DSFP-MD0100
C070113
Block Diagram
Switch Control
COM
A
B
Typical I-V Characteristics
I
A-B
-V
OFF
-V
TRIP
+100V
I
A-B = -200µA
-100V
I
A-B = +200µA
V
A-B
R
SW = 15Ω
+I
PEAK
-I
PEAK
+V
TRIP
+V
OFF
+1.0mA
+1.0mA
Electrical Characteristics (T
J = 25ºC, unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
T
OFF
Turn off time
-
-
20
ns
See Fig. 2, 3 & 4
T
ON
Turn on time
-
-
20
ns
See Fig. 5, 6 & 7
C
SW(ON)
Switch ON capacitance from A to B
-
21
-
pF
SW = ON
C
SW(OFF)
Switch OFF capacitance from A to B
-
15
-
pF
V
SW = 25V
BW
Small signal bandwidth
-
100
-
MHz R
LOAD = 50Ω
T
J
Operating junction temperature
-40
-
+125
°C
---



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com