Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HT1647
10
April 21, 2000
SE G 0
SE G 1
SE G 2
SE G 3
SE G 6 3
COM 1 4
COM 1 5
A ddr
511
7
23
31
COM 0
COM 1
D0
Da t a
A ddr
504
0
8
24
Da t a 4 B i t s
( D 3, D 2, D 1, D 0)
A ddr es s 9 B i t s
( A 8 , A 7 , .... , A 0 )
16
D1
D2
D3
Da t a
D0
D1
D2
D3
15
: T w o b i t s of R A M m ap t o LC D ' s one pi x e l and dec i de 4- l e v e l gr ay s c a l e
o r 4- c o l o r di s p l a y c onc ur r ent l y .
Display memory - RAM structure
Display memory - RAM structure
The static display RAM is organized into 512´4
bits and stores the display data. Two bits of
RAM map to Lad¢s one pixel and decide
whether 4-level gray scale or 4-color display
concurrently. The contents of the RAM are di-
rectly mapped to the contents of the LCD
driver. Data in the RAM can be accessed by the
READ, WRITE and READ-MODIFY-WRITE
commands. The following is a mapping from
the RAM to the LCD patterns.
Gray scale level decision
HT1647 uses PWM technique to provide 4-level
gray scale display. Two bits of RAM data code
((D3, D2) or (D1, D0)) decide one pixel level of
LCDs, level 1~level 4 dividedly. Every level
must be defined as one kind of gray scale by PWM
data (namely B4~B0) previously.
RAM data code
(D3, D2) or (D1, D0)
Choice Gray Scale
Level
(1, 1)
Level 1
(1, 0)
Level 2
(0, 1)
Level 3
(0, 0)
Level 4
RAM data defined gray scale level
Frame frequency
HT1647 provides two kinds frame frequency op-
tion by command code, 89Hz and 170Hz respec-
tively. FRAME 89Hz provides 89Hz frame
frequency and active segment signal width can be
divided into 24 sections concurrently. FRAME
170Hz provides 170Hz frame frequency and ac-
tive segment signal width can be divided into 13
sections concurrently. The 24 sections display a
particularly gray scale more than the 13 sections
by PWM data. The default is FRAME 89Hz.
Gray scale display
If the user choose 89Hz frame frequency, a max.
of 24 sections can be programmed to suit a sat-
isfactory gray scale in every level. Similarly, if
the user choose 170Hz frame frequency, a max.
of 13 sections can be programmed to suit a satis-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com