Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
HT1647
12
April 21, 2000
<
16
1
2
V LC D
V1
V2
V3
V4
V SS
COM
W
W'
V LC D
V1
V2
V3
V4
V SS
SE G
W
W'
V LC D
3/ 5V LC D
1/ 5V LC D
-1 / 5 V LC D
- 3 /5 V LC D
-V LC D
COM ~ S E G
1 f r am e
ONOF F
ON
N o t e : " W ' " R e al a c t i v e s egm ent s i gnal w i d t h ( adj us t a bl e w i dt h by P W M d at a)
" W " M a x . a c t i v e s e g m e n t s i g n a l w i d th
P W M ( ON w i d t h ) : W ' / W , 0
W ' /W
1 ( r e fe r to ta b l e 1 & t abel 2 )
16
1
2
<
Example of waveform (B type) in 1/5 bias, 1/16 duty cycle drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com