Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
HT1647
14
April 21, 2000
VR
*
V LC D
*
R
VS S
V2
V3
V4
V1
1/ 5 bi as
R
VS S
V2
V3
V4
V1
1/ 4 bi as
R
R
R
R
R
R
R
R
VD D
VL C D
VD D
VL C D
* T h e v o l t age appl i e d t o V LC D p i n m u s t b e l o w e r th a n V DD
* A d j u s t V R to fi t L C D d i s p l a y , a t V DD = 5 V , V LC D = 4 V , V R = 1 5 k W
2 0 %
V LC D
*
VR
*
Internal resistor type bias generator configurations
The following are the data mode ID and the
command mode ID:
Operation
Mode
ID
READ
Data
110
WRITE
Data
101
READ-MODIFY-WRITE
Data
101
COMMAND
Command
100
If successive commands have been issued, the
command mode ID can be omitted. While the
system is operating in the non-successive com-
mand or the non-successive address data mode,
the CS pin should be set to ²1² and the previous
operation mode will also be reset. The CS pin
returns to ²0², so a new operation mode ID
should be issued first.
Bias generator
The HT1647 bias voltage belong to internal re-
sistor type. It provides two kinds of bias option
named 1/5 bias and 1/4 bias respectively. It is
recommeaded to select 1/5 bias to fit TN-type,
STN-type LCDs and select 1/4 bias to fit
ECB-type LCDs. It also provides three kinds of
bias current option by programming to suitably
drive LCD panel. The three kinds of bias cur-
rent are large, middle, and small, respectively.
Usually, large panel LCD can be excellently dis-
played by large bias current. Relatively, it con-
sumes large current when LCD ON command is
used. Small bias current provides low power
consumption during on condition when the
LCD is normally displayed. The following are
the reference value table.
VLCD
Bias
Large bias current
Middle bias current
Small bias current
4V
1/5
300mA
100mA40mA
4V
1/4
375mA
125mA50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com