Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 22Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 23Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 24Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Note: ²X² stands for don¢t care
A8~A0 : RAM address
D3~D0 : RAM data
B4~B0 : PWM data
D/C : Data/Command mode
Def. : Power-on reset default
All the bold forms, namely 110, 101, and 100, are mode commands. Of these, 100 indicates
the command mode ID. If successive commands have been issued, the command mode ID ex-
cept for the first command will be omitted. The source of the tone frequency and of the time
base/WDT clock frequency can be derived from an on-chip 32kHz RC oscillator, a 32.768kHz
crystal oscillator, or an external 32kHz clock. Calculation of the frequency is based on the sys-
tem frequency sources as stated above. It is recommended that the host controller should ini-
tialize the HT1647 after power-on reset, for power on reset may fail, which in turn leads to the
malfunctioning of the HT1647.
HT1647
23
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com