Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HT1647
11
April 21, 2000
Name
Command Code
Function
FRAME 170Hz
X100-0001-1000-XXXX
Select 170Hz frame frequency and active segment
signal width can be divided into 13 sections
FRAME 89Hz
X100-0001-1101-XXXX
Select 89Hz frame frequency and active segment sig-
nal width can be divided into 24 sections
Frame frequency selection command code
factory gray scale in every level. HT1647 provides
5-bit PWM data to control the length of the sec-
tion. In other words, a max. 24 gray scales are gen-
erated by 5-bit binary PWM data. At FRAME
89Hz mode, the HT1647 only provides a max. of
24 adjustable gray scales although 32 is the ex-
pressed max. value by 5 bits binary code. When 5
bits binary code value is more than 23, the PWM
control circuit uniformly regards 23. To increase
PWM data indicates to increase the length of the
active segment signal. The varied length of the ac-
tive segment signal displays varied gray scale in
TN-type, STN-type LCDs (refer to table 1). Simi-
larly, it displays varied color in ECB-type LCDs.
The color display is derived from ECB-type LCD
specification. At FRAME 170Hz mode, the
HT1647 only provides a max. of 13 adjustable
gray scales although 32 is the expressed max.
value by 5 bits binary code. When the 5 bits bi-
nary code value is more than 12, the PWM con-
trol circuit uniformly regards 12. The user must
appoint four kinds of PWM data to four kinds of
different gray scale level by commanding PWM
data (refer to table 2).
Name
Command Code
Function
GRS LEVEL 1 X100-001 B4-B3 B2 B1 B0-XXXX Set PWM data in gray scale level 1
GRS LEVEL 2 X100-010 B4-B3 B2 B1 B0-XXXX Set PWM data in gray scale level 2
GRS LEVEL 3 X100-011 B4-B3 B2 B1 B0-XXXX Set PWM data in gray scale level 3
GRS LEVEL 4 X100-100 B4-B3 B2 B1 B0-XXXX Set PWM data in gray scale level 4
Four kinds of gray scale level command code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com