Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C20 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
HT47C20
12
January 18, 2000
converter control register (ADCR; 25H). The re-
maining space before the 40H are reserved for fu-
ture expanded usage and reading these location
will return the result 00H. The general purpose
data memory, addressed from 40H to 7FH, is
used for data and control information under in-
struction command.
All data memory areas can handle arithme-
tic, logic, increment, decrement and rotate
operations. Except for some dedicated bits,
each bit in the data memory can be set and re-
set by the SET [m].i and CLR [m].i instruc-
tion, respectively. They are also indirectly
accessible through memory pointer registers
(MP0;01H, MP1;03H).
Indirect addressing register
Location 00H and 02H are indirect addressing
registers that are not physically implemented.
Any read/write operation of [00H] and [02H] ac-
cess data memory pointed to by MP0 (01H) and
MP1 (03H) respectively. Reading location 00H
or 02H indirectly will return the result 00H.
Writing indirectly results in no operation.
The function of data movement between two in-
direct addressing registers are not supported.
The memory pointer registers, MP0 and MP1,
are both 8-bit registers which can be used to ac-
cess the data memory by combining correspond-
ing indirect addressing registers.
Only MP0 can be applied to data memory, while
MP1 can be applied to data memory and LCD
display memory.
Accumulator
The accumulator is closely related to ALU op-
erations. It is also mapped to location 05H of
the data memory and is capable of carrying out
immediate data operations. The data move-
ment between two data memory locations
must pass through the accumulator.
G ene r a l P u r p os e
D a t a M em or y
( 64 B y t e s )
7F H
20H
IN T C 1
TM R A H
TM R A L
TM R C
TM R B H
TM R B L
AD C R
21H
22H
23H
24H
25H
26H
40H
S pec i a l P u r pos e
D a t a M em or y
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0EH
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1EH
1F H
: U n u s e d
R ead as " 0 0 "
I ndi r e c t A ddr es s i ng R egi s t er 0
MP 0
PA
PB
MP 1
BP
AC C
PC L
TB L P
TB L H
RT CC
ST AT U S
IN T C 0
I ndi r e c t A ddr es s i ng R egi s t er 1
RAM mapping (bank 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com