| Electronic Components Datasheet Search |
|
HT47C20 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C20 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc |
|
52 / 56 page ![]() SIZA [m] Increment data memory and place result in ACC, skip if zero Description The contents of the specified data memory is incremented by one. If the result is zero, the next instruction is skipped and the result stored in the accumulator. The data memory remains unchanged. If the result is zero, the following instruction, fetched during the current instruction execu- tion, is discarded and a dummy cycle replaced to get the proper instruc- tion. This is a 2-cycle instruction. Otherwise proceed with the next instruction. Operation Skip if ([m]+1)=0, ACC ¬ ([m]+1) Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SNZ [m].i Skip if bit i of the data memory is not zero Description If bit i of the specified data memory is not zero, the next instruction is skipped. If bit i of the data memory is not zero, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction. This is a 2-cycle in- struction. Otherwise proceed with the next instruction. Operation Skip if [m].i¹0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SUB A,[m] Subtract data memory from accumulator Description The specified data memory is subtracted from the contents of the accu- mulator, leaving the result in the accumulator. Operation ACC ¬ ACC+[m]+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ SUBM A,[m] Subtract data memory from accumulator Description The specified data memory is subtracted from the contents of the accu- mulator, leaving the result in the data memory. Operation [m] ¬ ACC [m]+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ HT47C20 52 January 18, 2000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |