Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C20 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 24Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 25Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 26Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 27Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 28Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 29Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 30Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 31Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
HT47C20
28
January 18, 2000
Q
D
CK
Q
Da t a B u s
WR
WEA K
Pu l l - u p
PA0 / B Z
V DD
Ma s k
Op t i o n
V DD
M
U
X
M
U
X
BZ O p t i o n
R ead P a t h
B Z S i gnal
Q
D
CK
Q
WEA K
Pu l l - u p
PA1 / B Z
V DD
Ma s k
Op t i o n
V DD
M
U
X
BZ O p t i o n
R ead P a t h
S
C h i p R es et
S
M
U
X
M a sk O p t i o n
S y s t em W ak e- up
M a sk O p t i o n
S y s t em W ak e- up
Da t a B u s
WR
C h i p R es et
PA0/BZ, PA1/BZ input/output port
Input/output ports
There are 8-bit bidirectional input/output port
and 4-bit input port in the HT47C20, labeled PA
and PB which are mapped to the data memory
of [12H] and [14H] respectively. The high nibble
of the PA is NMOS output and input with
pull-high resisters. The low nibble of the PA can
be used for input/output or output operation by
selecting NMOS or CMOS output by mask op-
tion. Each bit on the PA can be configured as a
wake-up input, and the low nibble of the PA
with or without pull-high resistor by mask op-
tion. PB can only be used for input operation,
and each bit on the port can be configured with
pull high resistor by mask option. Both are for
the input operation, these ports are
non-latched, that is, the inputs should be ready
at the T2 rising edge of the instruction ²MOV A,
[m]² (m=12H or 14H). For PA output operation,
all data are latched and remain unchanged un-
til the output latch is rewritten.
When the structures of PA are open drain
NMOS type, it should be noted that, before
reading data from the pads, a ²1² should be
written to the related bits to disable the NMOS
device. That is done first before executing the
instruction ²MOV A, 0FFH² and ²MOV [12H],
A² to disable related NMOS device, and then
²MOV A, [12H]² to get stable data.
After chip reset, these input lines remain at a
high level or are left floating (by mask option).
Some instructions first input data and then fol-
low the output operations. For example, ²SET
[m].i², ²CLR [m].i², ²CPL [m]², ²CPLA [m]² read
the entire port states into the CPU, execute the
defined operations (bit-operation), and then
write the results back to the latches or to the ac-
cumulator. Each bit of the PA output latches
can not use these instruction, which may
change the input lines to output lines (when in-
put line is at low level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com