Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C20 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
HT47C20
19
January 18, 2000
Once a wake-up event occurs, it takes 1024 tSYS
(system clock period) to resume normal opera-
tion. In other words, a dummy period will be in-
serted after the wake-up. If the wake-up results
from an interrupt acknowledgment, the actual
interrupt subroutine execution is delayed by
one more cycle. If the wake-up results in the
next instruction execution, this will execute im-
mediately after a dummy period has finished.
To minimize power consumption, all the I/O
pins should be carefully managed before enter-
ing the HALT status.
Reset
· Therearethreewaysinwhicharesetmayoccur.
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different
from other chip reset conditions, since it can
perform a warm reset that just resets the PC
and SP leaving the other circuits in their origi-
nal state. Some registers remain unchanged
during any other reset conditions. Most regis-
ters are reset to the ²initial condition² when the
reset conditions are met. By examining the PD
and TO flags, the program can distinguish be-
tween different ²chip resets².
TO
PD
RESET Conditions
0
0
RES reset during power-up
uu
RES reset during normal
operation
0
1
RES wake-up HALT
1u
WDT time-out during normal
operation
1
1
WDT wake-up HALT
Note: ²u² means ²unchanged².
To guarantee that the system oscillator has
started and stabilized, the SST (System
Start-up Timer) provides an extra delay. There
is an extra delay of 1024 system clock pulses
when the system awakes from the HALT state
or when the system powers up.
The functional unit chip reset status are shown
below.
PC
000H
Interrupt
Disabled
Prescaler, Divider
Cleared
WDT, RTC, Time
Base
Clear. After master
reset, begin counting
Timer/event counter Off
Input/output ports Input mode
SP
Points to the top of
the stack
t SS T
RES
VD D
S S T T i m e - out
C h i p R es et
Reset timing chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com