Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 8Page - STMicroelectronics L99H01 Datasheet HTML 9Page - STMicroelectronics L99H01 Datasheet HTML 10Page - STMicroelectronics L99H01 Datasheet HTML 11Page - STMicroelectronics L99H01 Datasheet HTML 12Page - STMicroelectronics L99H01 Datasheet HTML 13Page - STMicroelectronics L99H01 Datasheet HTML 14Page - STMicroelectronics L99H01 Datasheet HTML 15Page - STMicroelectronics L99H01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Electrical specifications
L99H01
12/53
DocID15567 Rev 6
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 4 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
2.2
ESD protection
Table 4. Absolute maximum ratings
Item
Symbol
Parameter
Value
Unit
4.1.1
VS
Power supply voltage
-0,3 to 35
V
4.1.2
Single pulse tmax < 400 ms
40
V
4.2
VCC
Stabilished supply voltage
-0.3 to 5.5
V
4.3
DI, DO, CLK, CSN,
EN, DIR, PWM
Digital input / output voltage
-0.3 to VCC + 0.3
V
4.4
CSO, TS
Analog input / output voltage
-0.3 to VCC + 0.3
V
4.5
CSI1+, CSI1-,
CSI2+, CSI2-
HV signal pins
-4 to VS + 5V
V
4.6
GL2, GH2, GL1,
GH1 (Gxy)
HV signal pins
Sxy - 1 to Sxy + 10;
VCP +0.3
V
4.7
SL2, SH2, SL1, SH1
HV signal pins
-6 to 40
V
4.8
CP2- CP1-
HV signal pins
-0.3 to VS + 0.3
V
4.9
CP1+
HV signal pins
VS - 0.3 to VS +10
V
4.10
CP2+
HV signal pins
VS - 0.6 to VS +10
V
4.11
CP
Power pin
VS - 0.3 to VS +10
V
Table 5. ESD protection
Item
Parameter
Value
Unit
5.1
All pins
± 2 (1)
1.
- HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-A.
- HBM with all unzapped pins grounded.
kV
5.2
VS versus GND
± 4 (1)
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com