Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 14Page - STMicroelectronics L99H01 Datasheet HTML 15Page - STMicroelectronics L99H01 Datasheet HTML 16Page - STMicroelectronics L99H01 Datasheet HTML 17Page - STMicroelectronics L99H01 Datasheet HTML 18Page - STMicroelectronics L99H01 Datasheet HTML 19Page - STMicroelectronics L99H01 Datasheet HTML 20Page - STMicroelectronics L99H01 Datasheet HTML 21Page - STMicroelectronics L99H01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Electrical specifications
L99H01
18/53
DocID15567 Rev 6
18.6
VIOFF-T20/ΔT
Input offset voltage drift vs.
temperature
Gain = 20
-18(2)
µV/°K
18.7
VIOFF-T10/ΔT
Input offset voltage drift vs.
temperature
Gain = 10
-27(2)
µV/°K
18.8
VIOFF-O_50
Input offset voltage with offset
compensation
Gain = 50
-3.5
-1
1.5
mV
18.9
VIOFF-O_20
Input offset voltage with offset
compensation
Gain = 20
-6
-2
4
mV
18.10
VIOFF-O_10
Input offset voltage with offset
compensation
Gain = 10
-10
-3
6
mV
18.11
PSRR_50
Power supply rejection ratio
Gain = 50
39
dB
18.12
PSRR_20
Power supply rejection ratio
Gain = 20
31
dB
18.13
PSRR_10
Power supply rejection ratio
Gain = 10
25
dB
18.14
CMRR
Input common mode rejection Tj = 25°C, DC
60
dB
18.15
Gain50
Gain
46.75
50
53.25
18.16
Gain20
Gain
19
20
21
18.17
Gain10
Gain
9.5
10
10.5
18.18.1
VCSOh
High-level output voltage
IOUT = 2 mA
VCC -
250 mV
V
18.18.2
IOUT = 200 µA
VCC -
50 mV
VCC -
20 mV
V
18.19.1
VCSOl
Low-level output voltage
IOUT = -2 mA
100
250
mV
18.19.2
IOUT = -200 µA
15
50
mV
Dynamic parameters
18.20
SRcso_10
CSO slew rate
Gain = 10; RL = 1 k
Ω,;
CL = 22 pF
2.8
4
V/µs
18.21
SRcso_20
CSO slew rate
Gain = 20; RL = 1 k
Ω,;
CL = 22 pF
34.5
V/µs
18.22
SRcso_50
CSO slew rate
Gain = 50; RL = 1 k
Ω,;
CL = 22 pF
4.4
6
V/µs
18.23
ICSI_10
CSI input current
Gain = 10
-114
-102
-90
µA
18.24
ICSI_20
CSI input current
Gain = 20
-80
-72
-64
µA
18.25
ICSI_50
CSI input current
Gain = 50
-39
-33
-27
µA
1.
Test conditions: VS = 13 V, VCC = 5 V
2.
Not tested, guaranteed by design.
Table 18. Current sense amplifier(1) (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com