Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 39Page - STMicroelectronics L99H01 Datasheet HTML 40Page - STMicroelectronics L99H01 Datasheet HTML 41Page - STMicroelectronics L99H01 Datasheet HTML 42Page - STMicroelectronics L99H01 Datasheet HTML 43Page - STMicroelectronics L99H01 Datasheet HTML 44Page - STMicroelectronics L99H01 Datasheet HTML 45Page - STMicroelectronics L99H01 Datasheet HTML 46Page - STMicroelectronics L99H01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
DocID15567 Rev 6
43/53
L99H01
Packages thermal data
52
5
Packages thermal data
Figure 12. PowerSSO-36 Rthj-amb vs. PCB copper area in open free air condition
1.
Layout condition of Rth and Zth measurements (PCB: double layer, thermal vias,
FR4 area = 129 mm x 60 mm, PCB thickness =1.6 mm, Cu thickness =70 µm (front and back side),
Copper areas: from minimum pad layout to 8 cm2).
35
40
45
50
55
60
65
024
68
10
RTHj_amb(°C/W)
PCB Cu heatsink area (cm^2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com