Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 25Page - STMicroelectronics L99H01 Datasheet HTML 26Page - STMicroelectronics L99H01 Datasheet HTML 27Page - STMicroelectronics L99H01 Datasheet HTML 28Page - STMicroelectronics L99H01 Datasheet HTML 29Page - STMicroelectronics L99H01 Datasheet HTML 30Page - STMicroelectronics L99H01 Datasheet HTML 31Page - STMicroelectronics L99H01 Datasheet HTML 32Page - STMicroelectronics L99H01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
DocID15567 Rev 6
29/53
L99H01
Device description
52
3.11
Current sense amplifier (CSA)
The current sense amplifier (CSA) is specially designed for current shunt automotive
applications. It is a bidirectional, single-supply difference amplifier for amplifying small
differential voltages in a wide common mode voltage range (-4 V to (VCP - 8) V). It supports
the current measurement at two shunts. The result of respective shunt can be multiplexed to
the microcontroller compatible output voltage by a SPI command.
A gain of 50, 20 or 10 is SPI programmable. The inputs (CSI1+ / CSI1- and CSI2+ / CSI2-)
are build as a transconductance stage. Therefore a series resistor (for filtering etc.) should
not exceed 50
Ω to keep the additional gain error below 1%.
The output works at half scale: VCSO0 = (0,5 * VCC) V for VIDIFF = 0 V. An internal offset
measurement is in normal mode available with the "OFF_CAL" SPI-bit. If this bit is set to
logic "1" the input pins are disconnected from the amplifier and a virtual zero input
differential voltage is selected.
3.12
Thermal sensor interface / H-bridge switch-off input
The TS/ACT_OFF pin is configurable by SPI with the EXT_TS bit. This pin could be used as
temperature sensor interface for the H-bridge or external off for all gate drivers. The output
bias current ITS_bias is on for EN = high.
3.12.1
EXT_TS-bit = low (active off)
The TS/ACT_OFF input is used as a logic driver control input, without filter delay and
without latching the information.
Pulling the TS/ACT_OFF pin below the programmed threshold all gate drivers are
switched-off and the OT_EXT bit is set.
Increasing the voltage at TS/ACT_OFF pin above the programmed threshold the device
remains to the status set by DIR and PWM-pins and the OT_EXT bit is reseted.
The threshold is programmable by SPI with the registers EXTTH_5:0.
3.12.2
EXT_TS-bit = high (thermal sensor interface)
With the thermal sensor interface external diodes can be used to control the temperature of
the external H-bridge. When the diode forward voltage decreases below the reference
voltage for longer than the internal filter time (64 µs) the OT_EXT bit is set and the driver
switches in resistive low (see Section 3.4: Resistive low).
In this mode the OT_EXT-status-bit has to be cleared to reactivate the gate drivers.
The threshold is programmable by SPI with the registers EXTTH_5:0.
3.13
Watchdog
The tasks of the watchdog is to monitor the microcontroller during normal operation within a
nominal trigger cycle of 60 ms. The microcontroller has to restart the watchdog timer by
sending the watchdog restart bit via SPI repeatedly within the watchdog time TWDTO. If no
correct watchdog service is sent from the microcontroller, all gate drivers switch in sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com