Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 31Page - STMicroelectronics L99H01 Datasheet HTML 32Page - STMicroelectronics L99H01 Datasheet HTML 33Page - STMicroelectronics L99H01 Datasheet HTML 34Page - STMicroelectronics L99H01 Datasheet HTML 35Page - STMicroelectronics L99H01 Datasheet HTML 36Page - STMicroelectronics L99H01 Datasheet HTML 37Page - STMicroelectronics L99H01 Datasheet HTML 38Page - STMicroelectronics L99H01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
DocID15567 Rev 6
35/53
L99H01
Functional description of the SPI
52
4.4
Global status byte
This byte is shifted out first at DO at every SPI access.
The GL_ER bit is present at DO with the falling edge of CSN.
This byte could be reseted with the command <clear status>.
Comments:
GL_ER: Global error flag. This signal is a logical OR among all the errors of all the
channels of the device.
FE: Frame error. If the number of clock pulses within the previous frame is not 16 the
frame is ignored and this bit is set.
STK_RESET_Q: If a stuck at ‘1’ on SPI_DI during any SPI frame occurs, or if a
power-on reset occurs. STK_RESET_Q is reset (‘1’) with any SPI command.
When STK_RESET_Q is active (‘0’), the gate drivers are switched-off (see Section 3.4:
Resistive low).
After a startup of the circuit the STK_RESET_Q is active because of the POR pulse
and the gate drivers are switched-off. The Gate drivers can only be activated after the
STK_RESET_Q has been reset with a SPI command.
TSD: Thermal shutdown due to an internal sensor. All the gate drivers and the charge
pump must be switched-off (see Section 3.4: Resistive low). The gate drivers can only
be activated after the TSD has been reset with a SPI command.
TW: Thermal warning
UV: Logical OR among the filtered undervoltage signals.
OV: Logical OR among the filtered overvoltage signals.
WDTO: Watchdog time out.
Failures of <Global Status Register>[8:14] are always linked to the <Global Error Flag>.
The <Global Error Flag> is generated by an OR combination of all failure events of the
device (<Global Status Register>[8:14]).
The flag is reflected via the DO pin while CSN is held low and no clock signal is available.
The flag remains as long as CSN is low. This operation does not cause the <communication
error> bit in the <Global Status Byte> to be set.
Table 30. STK_RESET_Q
Bit
15
14
13
12
11
10
9
8
Name
GL_ER
FE
STK_RESET_Q
TSD
TW
UV
OV
WDTO
<default>
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com