Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS6-PS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SFS
3
ds_61410_en_sfs: 031213D
TYPES
1. Relay
2. Accessories
Contact arrangement
Nominal voltage
Without LED indication
With LED indication
Part No.
Part No.
4 poles
2 Form A/2 Form B
12 V DC
SFS2-DC12V
SFS2-L-DC12V
18 V DC
SFS2-DC18V
SFS2-L-DC18V
21 V DC
SFS2-DC21V
SFS2-L-DC21V
24 V DC
SFS2-DC24V
SFS2-L-DC24V
48 V DC
SFS2-DC48V
SFS2-L-DC48V
3 Form A/1 Form B
12 V DC
SFS3-DC12V
SFS3-L-DC12V
18 V DC
SFS3-DC18V
SFS3-L-DC18V
21 V DC
SFS3-DC21V
SFS3-L-DC21V
24 V DC
SFS3-DC24V
SFS3-L-DC24V
48 V DC
SFS3-DC48V
SFS3-L-DC48V
6 poles
4 Form A/2 Form B
12 V DC
SFS4-DC12V
SFS4-L-DC12V
18 V DC
SFS4-DC18V
SFS4-L-DC18V
21 V DC
SFS4-DC21V
SFS4-L-DC21V
24 V DC
SFS4-DC24V
SFS4-L-DC24V
48 V DC
SFS4-DC48V
SFS4-L-DC48V
5 Form A/1 Form B
12 V DC
SFS5-DC12V
SFS5-L-DC12V
18 V DC
SFS5-DC18V
SFS5-L-DC18V
21 V DC
SFS5-DC21V
SFS5-L-DC21V
24 V DC
SFS5-DC24V
SFS5-L-DC24V
48 V DC
SFS5-DC48V
SFS5-L-DC48V
3 Form A/3 Form B
12 V DC
SFS6-DC12V
SFS6-L-DC12V
18 V DC
SFS6-DC18V
SFS6-L-DC18V
21 V DC
SFS6-DC21V
SFS6-L-DC21V
24 V DC
SFS6-DC24V
SFS6-L-DC24V
48 V DC
SFS6-DC48V
SFS6-L-DC48V
Type
No. of poles
Part No.
PC board sockets
4 poles
SFS4-PS
6 poles
SFS6-PS
DIN terminal socket
4 poles
SFS4-SFD
6 poles
SFS6-SFD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com