Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS6-PS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFS
1
ds_61410_en_sfs: 031213D
SPECIFICATIONS
Contact
#1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
Slim compact safety relay
SF RELAYS
Slim type
Item
4 poles
6 poles
Contact arrangement
2 Form A/2 Form B
3 Form A/1 Form B
4 Form A/2 Form B
5 Form A/1 Form B
3 Form A/3 Form B
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Gold-flashed AgSnO2 type
Rating (resistive load)
Nominal switching capacity
6 A 250 V AC, 6 A 30 V DC
Max. switching power
1,500 VA, 180 W
Max. switching voltage
250 V AC, 30 V DC
Max. switching current
6 A (Reduce by 0.1 A/
C for temperatures 70 to 85C.)
Min. switching capacity
(Reference value) #1
1 mA 5 V DC
Expected life
(min. operations)
Mechanical (at 180 times/min.)
107
Electrical
250 V AC 6 A resistive load: 105 (at 20 times/min.)
30 V DC 6 A resistive load: 105 (at 20 times/min.)
250 V AC 1 A resistive load: 5
105 (at 30 times/min.)
30 V DC 1 A resistive load: 5
105 (at 30 times/min.)
[AC 15] 240 V AC 2 A inductive load: 105 (at 20 times/min., cos
 = 0.3)
[DC 13] 24 V DC 1 A inductive load: 105 (at 20 times/min., L/R = 48 ms)
FEATURES
• Forcibly guide contact structure
(EN50205 Class A TÜV recognized)
• Slim profile (mm inch)
Compact size with slim profile relay
reduces substrate size.
[4-pole type]40 (L)
13 (W)24 (H)
1.575 (L)
.512 (W).945 (H)
[6-pole type]50 (L)
13 (W)24 (H)
1.969 (L)
.512 (W).945 (H)
• Built-in LED indication type available
Built-in LED eliminates need for design
and mounting of separate LED circuit.
This cuts costs and saves labor.
• Fast response time is achieved
(8 ms or less)
Circuit is quickly opened to ensure
safety.
• High shock resistance
(Functional: Min. 200m/s2)
Improved anti-shock properties
meaning that the relay can be safely
used in high shock and vibration
environments such as in machine tools
and other factory equipment.
• PC board sockets also available
(4 and 6-poles)
• Lineup also includes DIN terminal
socket with finger protect construction
(4 and 6-poles)
TYPICAL
APPLICATIONS
• Machine tools
• Robots
• Safety PLCs
• Circuits with stringent safety standard
requirements such as those in motor
vehicle production equipment.
Max. 13
Max. 24
Max. 40
.512
.945
1.575
Max. 13
Max. 24
Max. 50
.512
.945
1.969
mm inch


Similar Part No. - SFS6-PS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS6.0A SECOS-SFS6.0A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
SFS6.5A SECOS-SFS6.5A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
logo
SICK AG
SFS60-H1AB0K02 SICK-SFS60-H1AB0K02 Datasheet
2Mb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
2017-05-10
SFS60-H1AB1K02 SICK-SFS60-H1AB1K02 Datasheet
2Mb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
2017-05-10
SFS60-H1AB2K02 SICK-SFS60-H1AB2K02 Datasheet
2Mb / 7P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SFS6-PS

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
SLIM POLARIZED RELAY
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
Compact & Slim 2 Form C Non-polarized Relay
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
Slim compact design
logo
Omron Electronics LLC
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
Ultra-compact and Slim DPDT Relay
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
A slim compact Relay with 7 A switching capacity
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com