Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS6-PS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 6 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SFS
6
ds_61410_en_sfs: 031213D
3. PC board sockets (4 poles)
General tolerance:
0.3 .012
0.4
5.08
13.97
0.8
6.93
10.16
50.0
15.0
40.0
3.5
(13)
(13)
11.43 .450
.200
5.08
.016
.200
.550
.031
.273
.400
1.969
.591
1.575
.138
(.512)
(.512)
PC board pattern (Bottom view)
Tolerance:
0.1 .004
4.1
3-3.2
dia.
(For M3 screw)
.126
5.08
13.97
(6.93)
11.43 .450
.200
5.08
10.16
10-1.1 .043 dia.
24.8
39.9
.161
.200
.550
.400
.976
1.571
(.273)
Schematic (Bottom view)
Standard
(When 2 FormA/2 Form B mounted)
(When 3 FormA/1 Form B mounted)
With LED indication
(When 2 FormA/2 Form B mounted)
(When 3 FormA/1 Form B mounted)
37
8
14
10
2
56
9
37
8
14
10
2
56
9
37
8
14
10
2
56
9
37
8
14
10
2
56
9
mm inch
4. PC board sockets (6 poles)
General tolerance:
0.3 .012
0.4
5.08
13.97
0.8
6.93
10.16
60.0
15.0
40.0
3.5
(13)
(13)
5.08
.200
5.08
.200
.200
.450
5.08
11.43
.016
.200
.550
.031
.273
.400
2.362
.591
1.575
.138
(.512)
(.512)
PC board pattern (Bottom view)
Tolerance:
0.1 .004
5.08
13.97
(6.93)
3-3.2
dia.
(For M3 screw)
.126
4.1
5.08
.200
5.08
.200
.200
.450
5.08
11.43
14-1.1 .043 dia.
10.16
24.8
49.9
.200
.550
.161
.400
.976
1.965
(.273)
Schematic (Bottom view)
Standard
(When 4 Form A/2 Form B mounted)
(When 5 FormA/1 Form B mounted)
(When 3 Form A/3 Form B mounted)
With LED indication
(When 4 Form A/2 Form B mounted)
(When 5 FormA/1 Form B mounted)
(When 3 Form A/3 Form B mounted)
13 14
37
8
12
1
2
4
56
9 10
11
13 14
37
8
12
1
2
4
56
9 10
11
13 14
37
8
12
1
2
4
56
9 10
11
13 14
37
8
12
1
2
4
56
9 10
11
13 14
37
8
12
1
2
4
56
9 10
11
13 14
37
8
12
1
2
4
56
9 10
11



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com