Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS6-PS Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 7 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFS
7
ds_61410_en_sfs: 031213D
5. DIN terminal socket (4 poles)
General tolerance:
0.5 .020
* Reference value (when using DIN rail ATA48011)
Note: Round terminals cannot be used with DIN terminal sockets.
6.3
+0.3
0
.248
+.012
0
6.5
M3
screw
.118
R2.0 .079
75.0
6.5
6.2
±0.3 dia.
2-4
×5 hole
22.4
4.0
35.4
58.9
*62.4
.256
2.953
.244
±.012 dia.
.256
.882
.157
1.394
2.319
*2.457
Mounting hole dimensions
Tolerance:
0.1 .004
Schematic (Top view)
14.5
±0.2
2-M3.5 or 4 dia. hole
80.0
±0.2
.571
±.008
2-M.138 or .157 dia. hole
3.150
±.008
9
10
7
8
3
5
6
2
4
1
mm inch
6. DIN terminal socket (6 poles)
General tolerance:
0.5 .020
* Reference value (when using DIN rail ATA48011)
Note: Round terminals cannot be used with DIN terminal sockets.
6.3
+0.3
0
.248
+.012
0
M3
screw
.118
6.5
6.5
75.0
2-4
×5 hole
R2.0 .079
6.2
±0.3 dia.
29.8
4.0
35.4
58.9
*62.4
.256
.256
2.953
.244
±.012 dia.
1.173
.157
1.394
2.319
*2.457
Mounting hole dimensions
Tolerance:
0.1 .004
Schematic (Top view)
2-M3.5 or 4 dia. hole
22.0
±0.2
80.0
±0.2
2-M.138 or .157 dia. hole
.866
±.008
3.150
±.008
5213
7
4
6
9
13
11
8
10
12
14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com