Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS6-PS Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # SFS6-PS
Description  Slim compact safety relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SFS6-PS Datasheet(HTML) 9 Page - Panasonic Semiconductor

  SFS6-PS Datasheet HTML 1Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 2Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 3Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 4Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 5Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 6Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 7Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 8Page - Panasonic Semiconductor SFS6-PS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SFS
9
ds_61410_en_sfs: 031213D
NOTES
For Cautions for Use, see Relay Technical Information.
1. Coil operating power
Pure DC current should be applied to
the coil. The wave form should be
rectangular. If it includes ripple, the
ripple factor should be less than 5%.
However, check it with the actual
circuit since the characteristics may
be slightly different.
2. Coil connection
When connecting coils, refer to the
wiring diagram to prevent mis-
operation or malfunction.
3. Cleaning
This relay is not sealed, therefore,
immersion may cause failure. Be
careful that flux does not overflow
onto the PC board or penetrate inside
the relay.
4. Soldering
When using automatic soldering, the
following conditions are recommended
1) Preheating: 120
C 248F, within
120 s max (PC board solder surface).
2) Soldering: 260
C5C 500F41F,
within 6 s max.
5. Attach directly to the chassis or use
a DIN rail.
(1) When attaching directly to chassis
• Use a M3.5 screw, spring washer, and
hex nut.
• For the mounting pitch, refer to the
dimensions.
(2) When installing on a DIN rail
• Use a 35 mm 1.378 inch wide DIN rail
(DIN46277).
• Install and remove as shown in the figures
below.
2) Refer to the figure below for
applicable wire-pressed terminals.
(You cannot use round type wire-
pressed terminals.)
6. Other
1) If the relay has been dropped, the
appearance and characteristics
should always be checked before use.
2) The switching lifetime is defined
under the standard test condition
specified in the JIS* C 5442-1996
standard (temperature 15 to 35
C 59 to
95
F, humidity 25 to 75%). Check this
with the actual product as it is affected
by the coil driving circuit, load type,
activation frequency, activation phase,
ambient conditions and other factors.
Also, be especially careful with loads
such as those listed below.
(1) When used for AC load-operation
and the operating phase is
synchronous. Rocking and fusing can
easily occur due to contact shifting.
(2) During high frequency on/off
operation with certain loads, arcing
may occur at the contacts. This can
cause fusion to Oxygen and Nitrogen
gas in the air creating Nitric Acid
(HNO3) which can cause corrosion to
the contacts.
Please see the following
countermeasure examples:
1.Incorporate an arc-extinguishing
circuit.
2.Lower the operating frequency
3.Lower the ambient humidity
3) For secure operations, nominal coil
voltage should be applied. In addition,
please note that pick-up and drop-out
voltage will vary according to the
ambient temperature and operating
conditions.
4) Heat, smoke, and/or fire may occur
if the relay is used outside the
allowable ranges for the coil ratings,
contact ratings, operating cycle
lifetime, and other specifications.
Therefore, do not use the relay if these
ratings are exceeded. Also, make sure
that the relay is wired correctly.
5) Incorrect wiring may cause false
operation or generate heat or flames.
6) Check the ambient conditions when
storing or transporting the relays and
devices containing the relays.
Freezing or condensation may occur
in the relay causing damage. Avoid
exposing the relays to heavy loads, or
strong shock and vibration.
7. Usage, transport and storage
conditions
1) Ambient temperature, humidity, and
atmospheric pressure during usage,
transport, and storage of the relay:
(1) Temperature:
–40 to +85
C –40 to +185F
(When the temperature is 70 to 80
C,
reduce the 6 A max. switching current
by 0.1 A/
C.)
(2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
(3) Atmospheric pressure: 86 to 106
kPa
Temperature and humidity range for
usage, transport, and storage
2) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
3) Freezing
Condensation or other moisture may
freeze on the relay when the
temperatures is lower than 0
C 32F.
This causes problems such as
sticking of movable parts or
operational time lags.
4) At low temperature, low humidity
environments, the plastic becomes
brittle.
Please note corrections.
8. Please connect DC coil types with
LED and built-in diode correctly by
verifying the coil polarity (“+” and “–
”). Connecting with reverse polarity
will cause the LED not to light and
damage the built-in diode due to its
specification.
<When installing>
<When removing>
Pull
Screwdriver
DIN rail
Push
6.3 mm max.
3 mm min.
.248 inch max. .118 inch min.
Humidity, %R.H.
Temperature,
°C °F
Tolerance range
85
5
0+85
-40
(Avoid
condensation
when used at
temperatures
higher than 0
°C 32°F)
(Avoid freezing when
used at temperatures
lower than 0
°C 32°F)
+32
+185
-40



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com