Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1102 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS87C1102 Datasheet HTML 1Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 2Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 3Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 4Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 5Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 6Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
4
Oct. 1999 ver 1.0
6. PACKAGE DIMENSION(GMS87C1202)
26.2±0.3
0.46±0.07
1.45±0.2
TYP 2.54
TYP 7.62
6.54±0.3
0.25±0.05
0 ~ 15°
MAX 4.57
MIN 0.38
3.3±0.25
7.5±0.1
10.35±0.2
12.8±0.2
2.5±0.15
0.42±0.08
TYP 1.27
0.2±0.1
0.26±0.05
0 ~ 8°
0.7±0.3
20 DIP
20 SOP
unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com