Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1102 Datasheet(PDF) 65 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 65 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 61Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 62Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 63Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 64Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 65Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 66Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
65
22. POWER FAIL PROCESSOR
The GMS87C1202 has an on-chip power fail detection cir-
cuitry to immunize against power noise. A configuration
register, PFDR, can enable (if clear/programmed) or disa-
ble (if set) the Power-fail Detect circuitry. If VDD falls be-
low 3.0~4.0V range for longer than 50 nS, the Power fail
situation may reset MCU according to PFR bit of PFDR.
As below PFDR register is not implemented on the in-cir-
cuit emulator, user can not experiment with it. Therefore,
after final development of user program, this function may
be experimented.
Note: Power fail processor function is not available on 3V
operation, because this function will detect power
fail all the time.
Figure 22-1 Power Fail Detector Register
Figure 22-2 Example S/W of RESET by Power fail
PFDR
ADDRESS : EFH
RESET VALUE : -----100
-
-
-
-
-
PFDIS
PFDM
PFS
Reserved
Power Fail Status
0 : Normal Operate
1 : This bit force to "1" when
Operation Mode
0 : Normal operation regardless
1 : MCU will be reset during power fail
Disable Flag
0 : Power fail detection enable
1 : Power fail detection disable
Power Fail Detector Register
Power fail was detected
of power fail
FUNTION
EXECUTION
INITIALIZE RAM DATA
PFS =1
NO
RESET VECTOR
INITIALIZE ALL PORTS
INITIALIZE REGISTERS
RAM CLEAR
YES
Skip the
initial routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com