Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1102 Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 36Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 37Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 38Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 40Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 41Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 42Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 43Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
40
Oct. 1999 ver 1.0
15. TIMER / COUNTER
The GMS87C1202 has two Timer/Counter registers. Each
module can generate an interrupt to indicate that an event
has occurred (i.e. timer match).
Timer 0 and Timer 1 can be used either the two 8-bit Tim-
er/Counter or one 16-bit Timer/Counter by combining
them.
In the "timer" function, the register is increased every in-
ternal clock input. Thus, one can think of it as counting in-
ternal clock input. Since a least clock consists of 2 and
most clock consists of 2048 oscillator periods, the count
rate is 1/2 to 1/2048 of the oscillator frequency in Timer0.
And Timer1 can use the same clock source too. In addition,
Timer1 has more fast clock source ( 1/1 to 1/8 ).
In the "counter" function, the register is increased in re-
sponse to a 0-to-1 (rising edge) transition at its correspond-
ing external input pin, EC0.
And in the "capture" function, the register is increased in
response external interrupt same with timer function.
When external interrupt edge input, the count register is
captured into capture data register CDRx.
Timer1 is shared with "PWM" function and "Compare out-
put" function
It has seven operating modes: "8-bit timer/counter", "16-
bit timer/counter", "8-bit capture", "16-bit capture", "8-bit
compare output", "16-bit compare output" and "10-bit
PWM" which are selected by bit in Timer mode register
TM0 and TM1 as shown in Figure 15-1 and Table 15-1.
Figure 15-1 Timer 0 and Timer 1 Mode Register
Timer 0 Mode Register
TM0
ADDRESS : D0H
RESET VALUE : --000000
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
Timer 1 Mode Register
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWME
CAP1
T1CK1
T1CK0
T1CN
T1ST
CAP0
Capture mode selection bit.
0 : Disables Capture
1 : Enables Capture
T0CN
Continue control bit
0 : Stop counting
1 : Start counting continuously
T0CK[2:0]
Input clock selection
000 : fxin
÷ 2
100 : fxin
÷ 128
001 : fxin
÷ 4
101 : fxin
÷ 512
010 : fxin
÷ 8
110 : fxin
÷ 2048
011 : fxin
÷ 32
111 : External Event ( EC0 )
T0ST
Start control bit
0 : Stop counting
1 : Counter register is cleared and started again
POL
PWM Output Polarity
0 : Duty active low
1 : Duty active high
T1CK[2:0]
Input clock selection
00 : fxin
10 : fxin
÷ 8
01 : fxin
÷ 2
11 : using the Timer 0 clock
16BIT
16-bit mode selection
0 : 8-bit mode
1 : 16-bit mode
T1CN
Continue control bit
0 : Stop counting
1 : Start counting continuously
PWME
PWM enable bit
0 : Disables PWM
1 : Enables PWM
T1ST
Start control bit
0 : Stop counting
1 : Counter register is cleared and started again
CAP1
Capture mode selection bit.
0 : Disables Capture
1 : Enables Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com