Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1102 Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 48Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 49Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 50Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 51Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 52Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 54Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 55Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
52
Oct. 1999 ver 1.0
(3) Pins AN0/RB0 and AN1/RA1 to AN7/RA7
The analog input pins AN0 to AN7 also function as input/
output port (PORT RA and RB0) pins. When A/D conver-
sion is performed with any of pins AN0 to AN7 selected,
be sure not to execute a PORT input instruction while con-
version is in progress, as this may reduce the conversion
resolution.
Also, if digital pulses are applied to a pin adjacent to the
pin in the process of A/D conversion, the expected A/D
conversion value may not be obtainable due to coupling
noise. Therefore, avoid applying pulses to pins adjacent to
the pin undergoing A/D conversion.
(4) AVREF pin input impedance
A series resistor string of approximately 10K
Ω is connected be-
tween the AVREFpin and the VSS pin.
Therefore, if the output impedance of the reference voltage
source is high, this will result in parallel connection to the
series resistor string between the AVREF pin and the VSS pin, and
there will be a large reference voltage error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com