Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1102 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 37Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 38Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 40Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 41Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 42Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 43Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 44Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
41
15.1 8-bit Timer/Counter Mode
The GMS87C1202 has two 8-bit Timer/Counters, Timer 0
and Timer 1, as shown in Figure 15-2 .
The "timer" or "counter" function is selected by mode reg-
isters TM0, TM1 as shown in Figure 15-1 and Table 15-1
. To use as an 8-bit timer/counter mode, bit CAP0 of TM0
is cleared to "0" and bits 16BIT of TM1 should be cleared
to “0”(Table 15-1).
Figure 15-2 8-bit Timer / Counter Mode
16BIT
CAP0
CAP1
PWME
T0CK[2:0]
T1CK[1:0]
PWMO1
TIMER 0
TIMER1
0
0
0
0
XXX
XX
0
8-bit Timer
8-bit Timer
0
0
1
0
111
XX
0
8-bit Event Counter
8-bit Capture
0
1
0
0
XXX
XX
1
8-bit Capture
8-bit Compare output
0
0
0
1
XXX
XX
1
8-bit Timer/Counter
10-bit PWM
1
000
XXX
11
0
16-bit Timer
1
000
111
11
0
16-bit Event Counter
11
X2
0XXX
11
0
16-bit Capture
1
000
XXX
11
1
16-bit Compare output
Table 15-1 Operating Modes of Timer 0 and Timer 1
1.
This bit is the bit4 of RB Function register(RBFUNC).
2.
X : The value is “0” or “1” corresponding your operation.
÷ 1
÷ 2
÷ 8
TM0
ADDRESS : D0H
RESET VALUE : --000000
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWME
CAP1
T1CK1
T1CK0
T1CN
T1ST
--
0
XXXXX
X
000
XXXX
÷ 2
÷ 4
÷ 128
÷ 512
÷ 8
÷ 32
fxin
EC0
Edge Detector
MUX
MUX
1
1
T0 ( 8-bit )
TDR0 ( 8-bit )
T0IF
CLEAR
COMPARATOR
TIMER 0
INTERRUPT
T1 ( 8-bit )
TDR1 ( 8-bit )
T1IF
CLEAR
COMPARATOR
TIMER 1
INTERRUPT
T0ST
0 : Stop
1 : Clear and Start
T1ST
0 : Stop
1 : Clear and Start
T0CN
T1CN
T0CK[2:0]
T1CK[1:0]
F/F
COMP0 PIN
÷ 2048
X : The value "0" or "1" corresponding your operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com