Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HM6P5331
Description  HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6P5331 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HM6P5331 Datasheet HTML 1Page - Hynix Semiconductor HM6P5331 Datasheet HTML 2Page - Hynix Semiconductor HM6P5331 Datasheet HTML 3Page - Hynix Semiconductor HM6P5331 Datasheet HTML 4Page - Hynix Semiconductor HM6P5331 Datasheet HTML 5Page - Hynix Semiconductor HM6P5331 Datasheet HTML 6Page - Hynix Semiconductor HM6P5331 Datasheet HTML 7Page - Hynix Semiconductor HM6P5331 Datasheet HTML 8Page - Hynix Semiconductor HM6P5331 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY

Pin No.
HM6C5332
24-pin LGA
Package
Pin No.
HM6C5332
20-pin TSSOP
Package
PIN
NAME
I/O
Description
16
14
VSIFA
-
Ground for IF analog circuitry.
17
15
VIIF
-
This pin is to provide a bypass capacitor to the internal voltage supply and
bypass capacitor must be placed between this pin and IF analog GND(Pin
14). With a slight performance degradation, this pin may be NC.
18
16
finIF
I
IF prescaler input. Small signal input from the VCO.
19
17
VSIFD
-
Ground for IF digital circuitry.
20
18
DoIF
O
Internal IF charge pump output. For connection to a loop filter for driving
the input of an external VCO.
22
19
VPPIF
-
Power Supply for IF charge pump. Must be
≥ VDDIF.
23
20
VDDIF
-
Power supply voltage input for IF analog, IF digital, data interface, FoLD,
and oscillator circuits. Input may range from 2.7V to 3.6V. VDDIF must
equal VDDRF. Bypass capacitors should be placed as close as possible to
this pin and be connected directly to the ground plane.
1,9,13,21
X
NC
-
No Connect
Block Diagram


 



OSCin
Clock
Data
LE
DoIF
DoRF
finIF
finRF

 

 

 

! 

!"#

!
  $
!
  $
! 

!"#


%
&
 '

($$
'
 (
 $ '

!)

 

)!

)'
)

)
 (

#



)
%
&
 '


%
"(*
FoLD
+,+
+,+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com