Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HM6P5331
Description  HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6P5331 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HM6P5331 Datasheet HTML 1Page - Hynix Semiconductor HM6P5331 Datasheet HTML 2Page - Hynix Semiconductor HM6P5331 Datasheet HTML 3Page - Hynix Semiconductor HM6P5331 Datasheet HTML 4Page - Hynix Semiconductor HM6P5331 Datasheet HTML 5Page - Hynix Semiconductor HM6P5331 Datasheet HTML 6Page - Hynix Semiconductor HM6P5331 Datasheet HTML 7Page - Hynix Semiconductor HM6P5331 Datasheet HTML 8Page - Hynix Semiconductor HM6P5331 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRELIMINARY
                 
                 

 


 

 

 


D
O IF


D
O RF
f
IN IF







 

!"

!  
#$%





f
IN RF
Functional Description
The simplified block diagram below shows the 22-bit data
register, two 15-bit R Counters and the 15-bit and 18-bit N
Counters (intermediate latches are not shown). The data
stream is clocked (on the rising edge of Clock) into the
DATA input, MSB first. The last two bits are the Control
Bits. The DATA is transferred into the counters as follows:
CONTROL BITS
C1
C2
DATA LOCATION
0
0
IF R Counter
0
1
RF R Counter
1
0
IF N Counter
1
1
RF N Counter
Programmable Reference Dividers (IF and RF R Counters)
If the Control Bits are 00 or 01 (00 for IF and 01 for RF) data is transferred from the 22bit shift register into a latch which
sets the 15-bit R Counter. Serial data format is shown below.
15-Bit Programmable Reference Divider Ratio (R Counter)
DIVIDE
RRR
RRRR
RRRR
RRRR
RATIO
15
14
13
12
11
10
9
8765
4321
3
000
0000
0000
0011
4
000
0000
0000
0100
•
•••
••••
••••
••••
32767
1
1
1
1111
1111
1111
NOTES:
1. Divide ratios less than 3 are prohibited.
2. Divide ratio: 3 to 32767.
3. R1 to R15: These bits select the divide ratio of the programmable reference divider.
4. Data is shifted in MSB first.

































   






Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com