Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet (PDF) - Hynix Semiconductor

HM6P5331 Datasheet PDF - Hynix Semiconductor
Part # HM6P5331
Download  HM6P5331 Download
File Size   195.24 Kbytes
Page   10 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer

HM6P5331 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6P5331 Datasheet PDF - Hynix Semiconductor

Part # HM6P5331
Download  HM6P5331 Click to download

File Size   195.24 Kbytes
Page   10 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer

HM6P5331 Datasheet (HTML) - Hynix Semiconductor


HM6P5331 Product details

Description
The HM6P5331 of full CMOS monolithic, dual frequency synthesizer is to be used as a local oscillator for RF and IF of a dual conversion transceiver. It is fabricated using Hyundai’s standard CMOS process.

Features
• Full CMOS RF frequency synthesizer
• Low Current Consumption
• Selectable Powersave Mode
• Dual Modulus Prescaler
• Selectable Charge Pump High Z State
• 2.7V to 3.6V Operation
• Small Out Line 20 Pin TSSOP Package 24 Pin LGA(Leadless Grid Array) Package

Applications
• Portable Wireless Communications
• Cordless and Cellular Telephone Systems
• Wireless Local Area Networks(WLANs)
• Cable TV Tuners(CATV)
• Other Wireless Communication Systems




Similar Part No. - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM6-6617B883 INTERSIL-HM6-6617B883 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
HM6-6642-9 INTERSIL-HM6-6642-9 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
HM6-6642/883 INTERSIL-HM6-6642/883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
HM6-6642B-9 INTERSIL-HM6-6642B-9 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
HM6-6642B/883 INTERSIL-HM6-6642B/883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
More results


Similar Description - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Integrated Circuit Syst...
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 21, 2004
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
ICS8427-02 ICST-ICS8427-02 Datasheet
259Kb / 21P
500MHZ, LOW JITTER LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB15E05 FUJITSU-MB15E05 Datasheet
158Kb / 20P
ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com