Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HM6P5331
Description  HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6P5331 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HM6P5331 Datasheet HTML 1Page - Hynix Semiconductor HM6P5331 Datasheet HTML 2Page - Hynix Semiconductor HM6P5331 Datasheet HTML 3Page - Hynix Semiconductor HM6P5331 Datasheet HTML 4Page - Hynix Semiconductor HM6P5331 Datasheet HTML 5Page - Hynix Semiconductor HM6P5331 Datasheet HTML 6Page - Hynix Semiconductor HM6P5331 Datasheet HTML 7Page - Hynix Semiconductor HM6P5331 Datasheet HTML 8Page - Hynix Semiconductor HM6P5331 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRELIMINARY


 


 

 

 


D
O IF


D
O RF
f
IN IF







 

!"

!  
#$%




f
IN RF
HM6P5331
HM6P5331 – 2.0GHz/500MHz Dual Frequency Synthesizer
Features




Full CMOS RF frequency synthesizer




Low Current Consumption




Selectable Powersave Mode




Dual Modulus Prescaler




Selectable Charge Pump High Z State




2.7V to 3.6V Operation




Small Out Line 20 Pin TSSOP Package
24 Pin LGA(Leadless Grid Array) Package
Applications




Portable Wireless Communications




Cordless and Cellular Telephone Systems




Wireless Local Area Networks(WLANs)




Cable TV Tuners(CATV)




Other Wireless Communication Systems
Description
The HM6P5331 of full CMOS monolithic, dual frequency
synthesizer is to be used as a local oscillator for RF and IF
of a dual conversion transceiver. It is fabricated using
Hyundai’s standard CMOS process.
HM6P5331 contains dual modulus prescalers. A 64/65 or
a 128/129 prescaler can be selected for RF synthesizer
and a 8/9 or 16/17 prescaler can be selected for IF
synthesizer. Using digital phase locked loop technique,
HM6P5331 provides the tuning voltage for voltage
controlled oscillators to generate very stable low noise RF
& IF local oscillator signals. Serial data is transferred into
the HM6P5331 via three wire interface (Data, Enable,
Clock). Supply voltage can range from 2.7 to 3.6 V.
HM6P5331 features very low current consumption; 4.4mA
at 3.0V.
HM6P5331 is available in a TSSOP 20-pin, LGA(Leadless
Grid Array) 24-pin surface mount plastic package.
Functional Block Diagram


Similar Part No. - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM6-6617B883 INTERSIL-HM6-6617B883 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
HM6-6642-9 INTERSIL-HM6-6642-9 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
HM6-6642/883 INTERSIL-HM6-6642/883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
HM6-6642B-9 INTERSIL-HM6-6642B-9 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
HM6-6642B/883 INTERSIL-HM6-6642B/883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
More results

Similar Description - HM6P5331

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Integrated Circuit Syst...
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 21, 2004
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
ICS8427-02 ICST-ICS8427-02 Datasheet
259Kb / 21P
500MHZ, LOW JITTER LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB15E05 FUJITSU-MB15E05 Datasheet
158Kb / 20P
ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
ICS8427-02 RENESAS-ICS8427-02 Datasheet
1Mb / 24P
500MHZ, LOW JITTER LVCMOS/CRYSTALTO- LVHSTL FREQUENCY SYNTHESIZER
OCTOBER 13, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com