Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6P5331 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HM6P5331
Description  HM6P5331 - 2.0GHz/500MHz Dual Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM6P5331 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HM6P5331 Datasheet HTML 2Page - Hynix Semiconductor HM6P5331 Datasheet HTML 3Page - Hynix Semiconductor HM6P5331 Datasheet HTML 4Page - Hynix Semiconductor HM6P5331 Datasheet HTML 5Page - Hynix Semiconductor HM6P5331 Datasheet HTML 6Page - Hynix Semiconductor HM6P5331 Datasheet HTML 7Page - Hynix Semiconductor HM6P5331 Datasheet HTML 8Page - Hynix Semiconductor HM6P5331 Datasheet HTML 9Page - Hynix Semiconductor HM6P5331 Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRELIMINARY
                 
                 
Programmable Divide (N Counter)
The N counter consists of the 7-bit swallow counter (A counter) and the 11-bit programmable counter (B counter). If the
Control Bits are 10 or 11 (10 for IF counter and 11 for RF counter) data is transferred from the 22-bit shift register into a 4-
bit or 7-bit latch (which sets the Swallow (A) Counter) and an 11-bit latch (which sets the 11-bit programmable (B) Counter),
MSB first. Serial data format is shown below. For the IF N counter bits 5, 6, and 7 are don’t care bits. The RF N counter
does not have don’t care bits.
7-Bit Swallow Counter Divide Ratio (A Counter)
RF
DIVIDE
NN
NNN
NN
RATIO A
7
6
543
21
0
0
0
000
00
1
0
0
000
01
•
•
•
•••
••
127
11
111
11
NOTES:
1. Divide ratio 0 to 127
2. B
A
IF
DIVIDE
NN
NNN
NN
RATIO A
7
6
543
21
0
X
X
X
00
00
1
X
X
X
00
01
•
•
•
•••
••
15
X
X
X
1
1
1
1
X = Don’t care condition
11-Bit Programmable Counter Divide Ratio (B Counter)
DIVIDE
NNNNN
NN
N
NNN
RATIO A
1817161514
1312
11
10
9
8
3
00000
00
0
011
4
00000
00
0
100
•
•••
•
•
•••••
•
2047
11111
11
1
111
NOTES:
1. Divide ratio 3 to 2047 (divide ratios less than 3 are prohibited).
2. B
A
Pulse Swallow Function
f
VCO = [(P
B) + A] f
OSC/R
f
VCO: Output frequency of external voltage controlled oscillator (VCO)
B:
Preset divide ratio of binary 11-bit programmable counter (3 to 2047)
A:
Preset divide ratio of binary 7-bit swallow counter (0
A127 {RF}, 0A15 {IF}, AB)
f
OSC: Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 15-bit programmable reference counter (3 to 32767)
P:
Preset modulus of dual modulus prescaler (for IF: P=8 or 16; for RF: P=64 or 128)

































!"#$!%





Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com