Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 5Page - Semtech Corporation GS3440 Datasheet HTML 6Page - Semtech Corporation GS3440 Datasheet HTML 7Page - Semtech Corporation GS3440 Datasheet HTML 8Page - Semtech Corporation GS3440 Datasheet HTML 9Page - Semtech Corporation GS3440 Datasheet HTML 10Page - Semtech Corporation GS3440 Datasheet HTML 11Page - Semtech Corporation GS3440 Datasheet HTML 12Page - Semtech Corporation GS3440 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
9 of 23
Proprietary and Confidential
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRDDO
–
125
–
2970
Mb/s
1
Input Voltage Swing
ΔVSDI
Differential,
270Mb/s and 1.485Gb/s
720
800
950
mVppd
2
Differential,
2.97Gb/s
720
800
880
mVppd
3
Output Voltage Swing
ΔVDDO
100
Ω load, differential,
OP_CTL set for high
swing
700
850
1000
mVppd
–
100
Ω load, differential,
OP_CTL set for low swing
350
425
500
mVppd
–
Output Jitter at Various
Cable Lengths and Data
Rates
–
2.97Gb/s
Belden 1694A: 0-120m
–
–
0.25
UI
3, 4, 5
–
2.97Gb/s
Belden 1694A: 120-150m
––
0.3
UI
3, 4, 5
–
2.97Gb/s
Belden 1694A: 150-170m
––
0.4
UI
3, 4, 5
–
2.97Gb/s
Belden 1694A: 170-200m
––
0.5
UI
3, 4, 5
–
2.97Gb/s
Belden 1694A: 200-210m
–0.5
–
UI
3, 4, 5
–
1.485Gb/s
Belden 1694A: 0-200m
––
0.2
UI
3, 4, 5
–
1.485Gb/s
Belden 1694A: 200-260m
––
0.3
UI
3, 4, 5
–
1.485Gb/s
Belden 1694A: 260-300m
–0.3
–
UI
3, 4, 5
–
270Mb/s
Belden 1694A: 0-300m
–
0.1
0.15
UI
3, 4, 5
–
270Mb/s
Belden 1694A: 300-500m
–
–
0.25
UI
3, 4, 5
270Mb/s
Belden 1694A: 500-550m
–0.25–
UI
3, 4, 5
Output Rise/Fall time
–
2.97Gb/s & 1.485Gb/s
20% - 80%
–75–
ps
–
–
270Mb/s
20% - 80%
–
150
–
ps
–
Mismatch in rise/fall time
–
–
–
–
30
ps
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com